Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3608
Description  Multiple voltage regulator with switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3608 Datasheet HTML 9Page - NXP Semiconductors TDA3608 Datasheet HTML 10Page - NXP Semiconductors TDA3608 Datasheet HTML 11Page - NXP Semiconductors TDA3608 Datasheet HTML 12Page - NXP Semiconductors TDA3608 Datasheet HTML 13Page - NXP Semiconductors TDA3608 Datasheet HTML 14Page - NXP Semiconductors TDA3608 Datasheet HTML 15Page - NXP Semiconductors TDA3608 Datasheet HTML 16Page - NXP Semiconductors TDA3608 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Aug 14
13
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3608Q
TEST AND APPLICATION INFORMATION
Test information
handbook, full pagewidth
MGK605
regulator 2
output
regulator 1
output
enable input power switch
enable input regulator 3
back-up
reset delay
capacitor
reset
output
C3
10
µF
C2
220 nF
R4
2.2
Ω
C1
220 nF
C4
10
µF
hold output
R1
1 k
Ω
R3
10 k
Ω
R2
10 k
Ω
1 k
Ω
1 k
Ω
5 V
5 V
10 V
regulator 3
output
C5
10
µF
C6
1
µF
C8
220 nF
C7
47 nF
RL(sw)
RL(REG2)
1 k
Ω
RL(REG1)
1 k
Ω
RL(REG3)
power switch output
13
11
2
8
5
3
4
12
9
7
1
10
TDA3608Q
GND
VP
supply voltage
VENSW
VEN3
enable input regulator 1
6
VEN1
Vbu
(1)
Fig.6 Test circuit.
(1) Capacitor not required for stability.
Application information
NOISE
The noise on the supply line depends on the value of the
supply capacitor and is caused by a current noise (output
noise of the regulators is translated into a current noise by
means of the output capacitors). Table 1 shows the noise
figure with the corresponding output capacitor for each
regulator. The noise is minimal when a high frequency
capacitor of 220 nF in parallel with an electrolytic capacitor
of 100
µF is connected directly to pins VP and GND.
Table 1
Noise figures
Note
1. Measured at a bandwidth of 200 kHz.
REGULATOR
NOISE FIGURE(1)
CO =10 µFCO =47 µFCO = 100 µF
1
225
µV
150
µV
135
µV
2
225
µV
150
µV
135
µV
3
255
µV
200
µV
180
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com