Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08DP05 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP08DP05
Description  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP08DP05 Datasheet HTML 4Page - STMicroelectronics STP08DP05 Datasheet HTML 5Page - STMicroelectronics STP08DP05 Datasheet HTML 6Page - STMicroelectronics STP08DP05 Datasheet HTML 7Page - STMicroelectronics STP08DP05 Datasheet HTML 8Page - STMicroelectronics STP08DP05 Datasheet HTML 9Page - STMicroelectronics STP08DP05 Datasheet HTML 10Page - STMicroelectronics STP08DP05 Datasheet HTML 11Page - STMicroelectronics STP08DP05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Switching characteristics
STP08DP05
8/30
5
Switching characteristics
Table 1.
Switching characteristics (VDD = 5V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPLH1
Propagation delay time,
CLK-OUTn, LE\DM1 = H,
OE\DM2 = L
VDD = 3.3 V
VIH = VDD
VIL = GND
CL = 10pF
IO = 20mA
VL = 3.0 V
REXT = 1KΩ
RL = 60 Ω
VDD = 3.3V
35
70
ns
VDD = 5V
18
35
tPLH2
Propagation delay time,
LE\DM1 -OUTn,
OE\DM2 = L
VDD = 3.3V
48
90
ns
VDD = 5V
30
60
tPLH3
Propagation delay time,
OE\DM2-OUTn,
LE\DM1 = H
VDD = 3.3V
55
110
ns
VDD = 5V
36
75
tPLH
Propagation delay time,
CLK-SDO
VDD = 3.3V
7
14
ns
VDD = 5V
4
8
tPHL1
Propagation delay time,
CLK-OUTn, LE\DM1 = H,
OE\DM2 = L
VDD = 3.3V
10
20
ns
VDD = 5V
7
14
tPHL2
Propagation delay time,
LE\DM1 -OUTn,
OE\DM2 = L
VDD = 3.3V
24
50
ns
VDD = 5V
20
40
tPHL3
Propagation delay time,
OE\DM2-OUTn,
LE\DM1 = H
VDD = 3.3V
20
40
ns
VDD = 5V
17
35
tPHL
Propagation delay time,
CLK-SDO
VDD = 3.3V
22
30
ns
VDD = 5V
18
25
tON
Output rise time
10~90% of voltage
waveform
VDD = 3.3V
25
60
ns
VDD = 5V
10
25
tOFF
Output fall time
90~10% of voltage
waveform
VDD = 3.3V
5
15
ns
VDD = 5V
4
12
tr
CLK rise time (1)
5000
ns
tf
CLK fall time (1)
5000
ns
1.
In order to achieve high cascade data transfer, please consider tr/tf timings carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com