Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08DP05MTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP08DP05MTR
Description  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05MTR Datasheet(HTML) 5 Page - STMicroelectronics

  STP08DP05MTR Datasheet HTML 1Page - STMicroelectronics STP08DP05MTR Datasheet HTML 2Page - STMicroelectronics STP08DP05MTR Datasheet HTML 3Page - STMicroelectronics STP08DP05MTR Datasheet HTML 4Page - STMicroelectronics STP08DP05MTR Datasheet HTML 5Page - STMicroelectronics STP08DP05MTR Datasheet HTML 6Page - STMicroelectronics STP08DP05MTR Datasheet HTML 7Page - STMicroelectronics STP08DP05MTR Datasheet HTML 8Page - STMicroelectronics STP08DP05MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
STP08DP05
Maximum rating
5/30
3
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
3.1
Absolute maximum ratings
3.2
Thermal data
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage IGND
0 to 7
V
VO
Output voltage
-0.5 to 20
V
IO
Output current
100
mA
IGND
GND terminal current
800
mA
fCLK
Clock frequency
50
MHz
TOPR
Operating temperature range
-40 to +125
°C
TSTG
Storage temperature range
-55 to +150
°C
Table 5. Thermal data
Symbol
Parameter
DIP-16 SO-16 TSSOP-16
TSSOP-16 (1)
(exposed pad)
1.
The Exposed-Pad should be soldered to the PBC to realize the thermal benefits
Unit
RthJA
Thermal resistance junction-ambient
60
75
85
37.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com