Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-27 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-27
Description  3 W AC Adapter: <10 mW No-load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-27 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-27 Datasheet HTML 1Page - Power Integrations, Inc. DI-27 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/02
DI-27
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power
Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Core Material
Bobbin
Winding Order
(pin numbers)
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
TRANSFORMER PARAMETERS
Table 1. Transformer Construction Information.
Figure 2. No-load Input Power vs. BYPASS Pin Current.
EE16
Nippon Ceramic NC-2H
A
L of 74 nH/T
2
EE16 10 pin
(Ying Chin YC1607 or equivalent)
Primary (1-2), Tape
12 V (10-9), Tape
Bias (3-4), Tape
3.67 mH ±10%
500 kHz (minimum)
300 µH (maximum)
Key Design Points
• Design bias winding circuit to provide 250
µA to 300 µA
at no-load.
• Ensure C5 is large enough to supply above current at the
very low no-load switching frequencies.
•Minimize secondary circuit bias currents. Use low current
feedback Zeners for best tolerance.
• Zener or RCD clamp can be used to slightly reduce no-load
consumption further. Use a 200 V Zener or maximize
resistor value in RCD clamp for lowest losses.
• Design transformer with low reflected voltage to minimize
clamp losses.
•Wind transformer for lowest leakage inductance. Choose
wire gauges to completely fill winding layers.
•Wind transformer with tape between primary layers to
further reduce intra-winding capacitance.
100
1
0
300
400
100
200
500
BYPASS Pin Current (µA)
10
VIN = 100 VAC
VIN = 230 VAC
10
0
2
80
200
240
120
160
AC Line Voltage (A)
4
6
8
Zener Clamp
RC Clamp
Figure 3. No-load Input Power Variation with Input Voltage.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com