Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-29 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-29
Description  25 W Flyback DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-29 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-29 Datasheet HTML 1Page - Power Integrations, Inc. DI-29 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
B
12/02
DI-29
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations Inc. ©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Figure 2. Efficiency vs. Output Power.
Key Design Points
• For nominal under-voltage set point V
UV:
R1 = (V
UV-2.35 V)/50µA. VOV = (R1×135 µA)+2.5 V.
• Zener VR1 voltage is 130 V to safely limit the DRAIN
voltage below V
DSS of 200 V.
• Opto U2 should have a CTR of between 100% and 200%
for optimum loop stability.
• Set resonance of L2 and C13 + C14 to beyond loop
crossover frequency (typically 5% to 10% of switching
frequency).
• Good layout practices should be followed:
- Locate C5, C6 and R4 close to U1, with grounds
returned to the SOURCE pin.
- Primary return should be connected to the DPA-Switch
tab, not the SOURCE pin.
-Minimize the primary and secondary loop areas to
reduce parasitic leakage inductance.
Table 1. Transformer Construction Information.
Core Material
Bobbin
Winding Order
(pin numbers)
Inductance
Primary Resonant
Frequency
PR1408
Siemens N87
Gap for 340 nH/T
2
P1408 8 pin (B&B B-096 or equivalent)
Primary (4-FL), tape, Bias (2-3), tape,
Secondary (5,6-7,8), tape,
Primary (FL-1), tape
Primary: 6T + 6T, 2 x 27 AWG
Secondary: 3T, 4 x 25 AWG
Bias: 6T, 32 AWG
3.8 MHz (minimum)
Primary: 49 µH ±10%, Leakage: 1 µH (max)
Transformer Parameters
Winding Details
20
0
510
15
20
25
Output Current (W)
0
40
80
100
60
36 VDC
48 VDC
60 VDC
72 VDC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com