Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-37 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-37
Description  16.5 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-37 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-37 Datasheet HTML 1Page - Power Integrations, Inc. DI-37 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-37
B
7/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations.
Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATIONS, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Table 1. Transformer Design Parameters.
TRANSFORMER PARAMETERS
Core Material
Epcos P/N: P 14 x 8 N87,
ungapped
Bobbin
8-pin P 14 x 8 surface mount
bobbin
Winding Details Primary 10T + 10T, 1 x 26 AWG
3.3 V, 4 x 26 AWG
Winding Order
and Pin Numbers
Primary-1 (4-NC), 3.3 V (5-6),
Primary-2 (NC-1)
Primary
Inductance
600 µH ±25% at 400 kHz
Primary Resonant
Frequency
3.8 MHz (minimum)
Leakage
Inductance
1 µH (maximum)
Key Design Points
• Transformer core reset is critical in this design. MOSFET
gate loading will affect the transformer reset waveform.
Capacitor C
Q1gs will load transformer reset. Choose Q1
MOSFET such that C
Q1gs provides sufficient reset at low
line and safe maximum drain voltage at high line.
• Choose synchronous rectifier MOSFETs which have both
low R
DS(ON) and also low Qg (combination of gate charge
Q
gs and Miller capacitance Qgd).
• Reduce transformer leakage inductance by filling each
winding layer across the entire width of the bobbin.
• Choose a low-drop Schottky diode (such as Vishay
SL44 – V
f = 0.42 V), to increase high line efficiency.
• Choose a larger DPA-Switch to increase efficiency at low
and medium input voltages.
INDUCTOR PARAMETERS
Core Material
Epcos P/N: P 14 x 8 N87,
gap for inductor
Bobbin
8-pin P 14 x 8 surface mount
bobbin
Winding Details Main 10T, 2 x 24 AWG
Bias 30T, 1 x 32 AWG
Winding Order
and Pin Numbers
Main (7,8-5,6)
Bias (1-2)
Inductance
Pin (7,8-5,6): 16 µH ±10% at
400 kHz
Table 2. Inductor Design Parameters.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com