Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72PR2KLF Datasheet(PDF) 4 Page - Bi technologies

Part # 72PR2KLF
Description  3/8 Square Single Turn Cermet Trimming Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

72PR2KLF Datasheet(HTML) 4 Page - Bi technologies

  72PR2KLF Datasheet HTML 1Page - Bi technologies 72PR2KLF Datasheet HTML 2Page - Bi technologies 72PR2KLF Datasheet HTML 3Page - Bi technologies 72PR2KLF Datasheet HTML 4Page - Bi technologies 72PR2KLF Datasheet HTML 5Page - Bi technologies 72PR2KLF Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10
100
1K
10K
50K
250K
2Meg
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg
STANDARD RESISTANCE VALUES, OHMS
1-58
Model 72
ADJUSTMENT KNOB OPTION (Inch/mm)
.410
± .02
10.41
± .51
Ø.330
± .01
8.38
± .13
Adjustment Knob Slot
.220
± .005/5.59 ± .13 Long x
.040
± .005/1.02 ± .13 Wide x
.045
± .005/1.14 ± .13 Min. Depth
72PT Shown - Dimensions applicable to 72XT
Available options:
72XT- Side Adjustment (See 72X for Pin Configuration)
72PT- Top Adjustment (See 72P for Pin Configuration)
EXTENDED ROTOR OPTION (Inch/mm)
.310
±.031
7.87
±0.79
.206
± .015
5.23
± .38
Electrical Adjustment
.14
± .005/3.56 ± .13 Dia. x
.04
± .003/1.02 ± .08 Wide x
.063
± .005/1.60 ± .13 Deep Slot
Available for all Model 72 pin styles:
72PE, 72PLE, 72PME, 72PXE, 72RPXE, 72XE, 72RXE,
72XLE, 72RXLE, 72RWE, 72XWE, 72RXWE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com