Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-39 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-39
Description  13 W, Universal Input DVD Supply with 70 mW No-load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-39 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-39 Datasheet HTML 1Page - Power Integrations, Inc. DI-39 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
11/02
DI-39
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Table 1. Transformer Construction Information.
Key Design Points
• Use of foil for the 3.3 V and 5 V windings also helps to
optimize cross-regulation.
• Optional capacitor C7 is the “soft-finish” capacitor and
prevents overshoot on startup.
• Compact layout for components D7, D10, D11, C11,
C12, C15 will improve cross-regulation and efficiency.
Compact layout for L2, L3, L4, C17, C18, and C20 will
achieve best output ripple.
• Figure 2 shows conducted EMI at 230 VAC full load, with
output “Artificial Hand” grounding. Floating output return
gives lower results.
• Table 2 shows the cross regulation of the supply over load
for both 115 VAC and 230 VAC.
Table 2. Worst Case Cross Regulation at 115 VAC and 230 VAC.
Output
Voltage
(V)
Load
Range
(%)
3.3
10-100
5
10-100
12
10-100
-12
100
Cross Regulation (%)
-4
-3
-2
-1
0
1
2
3
4
Figure 2. EMI at 230 VAC Full Load with "Artificial Hand"
Grounding of Output.
TRANSFORMER PARAMETERS
Core Material
EEL25
Himag MZ4 EEL25.4, Taiwan AL of
344 nH/T2
Bobbin
EEL25 Vertical 14 Pins
Primary Resonant
Frequency
Winding Order
(Pin Numbers)
Winding Details
Primary Inductance
(Pins 1-4 all others
open)
1.42 mH ±10% at 132 kHz
300 kHz minimum
Leakage Inductance
30 µH maximum
Shield: 32T x 2 x 32 AWG
Primary: 64T x 2 x 32 AWG
Bias: 10T x 4 x 32 AWG
Shield: 2T x 8 x 32 AWG
+3.3V: 4T x foil 0.052 x 14 mm
+5V: 1T x foil 0.052 x 14 mm
+12V: 4T x 4 x 32 AWG
-12V: 7T x 4 x 32 AWG
Shield (NC-5), tape, Primary (1-4), tape,
Bias (7-6), tape, Shield (5-NC), tape,
+12 V (13-8), +3.3 V (11,12-9,10), +5 V
(9-10,13), tape, -12 V (14-11, 12), tape
1.0
0.15
10.0
-100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
Average
Quasi Peak
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com