Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-40 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-40
Description  2.5 V, 20 W DC-DC Converter with Synchronous Rectification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-40 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-40 Datasheet HTML 1Page - Power Integrations, Inc. DI-40 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
C
5/03
DI-40
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Table 1. Transformer Construction Information.
Figure 2. Efficiency vs. Output Power.
80
70
65
75
95
85
90
0
510
15
20
Output Power (W)
60
VIN = 36 VDC
VIN = 48 VDC
VIN = 60 VDC
VIN = 72 VDC
TRANSFORMER PARAMETERS
Core Material
PR1408
EPCOS N87 material ungapped
Bobbin
P1408 8 pin
(B&B B-096 or equivalent)
Turns
Bias: 6T, 32 AWG
Primary: 7T + 7T, 2 x 28 AWG
Secondary: 2T, 4 x 26 AWG
Primary Inductance
392 µH ± 25%
Leakage Inductance
1 µH (maximum)
Primary Resonant
Frequency
3 MHz (minimum)
Winding Order
(Pin Numbers)
Bias: (3-2), Tape
Primary: (4-FL), Tape
Secondary: (6, 7-9, 10), Tape
Primary: (FL-10), Tape
OUTPUT INDUCTOR PARAMETERS
Core
EPCOS N87 material
Gap for A
L of 206 nH/T
2
Bobbin
P1408 8 pin
(B&B B-096 or equivalent)
Winding Details
Bias: 10T, 32 AWG
Main: 4T, 4 x 26 AWG
Inductance Pins 5,6-7,8
3.3 µH ± 10%
Winding Order
(Pin Numbers)
Bias: (1-2), Tape
Main: (7,8-5,6), Tape
Table 2. Output Inductor Construction Information.
• Optocoupler U2 should have controlled CTR of 100-200%
for optimum loop stability.
• Size transformer reset components C8 and R5, and the Q1
gate capacitance to assure transformer reset at minimum
operating voltage without exceeding 170 V drain voltage
at high line.
• Set Zener VR1 clamp voltage to 150 V to guarantee both
transformer reset and limit DRAIN voltage below BV
DSS.
• Scale primary side forward bias winding to provide
12 V to 15 V at minimum input voltage, nominal load.
• Secondary choke winding provides 5 V at nominal load.
•Main primary power return should be connected to the
DPA-Switch tab, not to the SOURCE pin.
• Consult AN-31 for additional design tips.
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any license
under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the products and
transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent
applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert and DPA-Switch are trademarks of Power Integrations, Inc. ©Copyright 2003, Power Integrations, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com