Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-42 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-42
Description  Non-isolated Flyback (Buck/Boost) Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-42 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-42 Datasheet HTML 1Page - Power Integrations, Inc. DI-42 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/02
DI-42
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power
Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations Inc. ©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Key Design Points
• Use low cost optocoupler - CTR is unimportant for output
regulation.
• PCB traces that carry switching currents should be short
and wide to minimize EMI.
• Select input and output capacitors to meet ripple current
requirements.
• Diode D2 must be an ultra-fast type, with reverse recovery
time (t
rr) ≤ 50 ns.
•Minimum recommended output voltage in this topology is
5 V.
Lower voltages may cause continuous mode operation,
forcing high reverse recovery currents in D2 and therefore,
lowering efficiency.
Figure 2. Output Power vs. Input Power.
0.2
0.4
1
1.2
0.6
0.8
0
.200
.400
.600
.800
Output Power (W)
0
VIN = 115 VAC
VIN = 230 VAC
20
40
100
60
80
50
100
150
200
250
300
Input Voltage (VAC)
0
Figure 3. No-load Power Consumption.
50
80
60
70
0
20
40
60
80
100
120
Output Power (mA)
40
VIN = 115 VAC
VIN = 230 VAC
Figure 4. Efficiency vs. Output Current.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com