Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75276DR Datasheet(PDF) 5 Page - STMicroelectronics

Part # SN75276DR
Description  FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN75276DR Datasheet(HTML) 5 Page - STMicroelectronics

  SN75276DR Datasheet HTML 1Page - STMicroelectronics SN75276DR Datasheet HTML 2Page - STMicroelectronics SN75276DR Datasheet HTML 3Page - STMicroelectronics SN75276DR Datasheet HTML 4Page - STMicroelectronics SN75276DR Datasheet HTML 5Page - STMicroelectronics SN75276DR Datasheet HTML 6Page - STMicroelectronics SN75276DR Datasheet HTML 7Page - STMicroelectronics SN75276DR Datasheet HTML 8Page - STMicroelectronics SN75276DR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN75276
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
SLLS212B – SEPTEMBER 1995 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
VO
Output voltage
IO = 0
0
6
V
|VOD1|
Differential output voltage
IO = 0
1.5
3.6
6
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
1/2 VOD1or 2§
V
|VOD2|
Differential output voltage
RL = 54 Ω,
See Figure 1
1.5
2.5
5
V
VOD3
Differential output voltage
See Note 3
1.5
5
V
∆|VOD|
Change in magnitude of differential output
±02
V
∆|VOD|
gg
voltage¶
±0.2
V
VOC
Common mode output voltage
RL =54 Ω or 100 Ω
See Figure 1
+3
V
VOC
Common-mode output voltage
RL = 54 Ω or 100 Ω,
See Figure 1
–1
V
∆|VOC|
Change in magnitude of common-mode
±02
V
∆|VOC|
gg
output voltage¶
±0.2
V
IO
Output current
Output disabled,
VO = 12 V
1
mA
IO
Output current
,
See Note 4
VO = – 7 V
– 0.8
mA
IIH
High-level input current
VI = 2.4 V
20
µA
IIL
Low-level input current
VI = 0.4 V
– 400
µA
VO = – 7 V
– 250
IOS
Short circuit output current
VO = 0
150
mA
IOS
Short-circuit output current
VO = VCC
250
mA
VO = 12 V
250
ICC
Supply current (total package)
No load
Outputs enabled
42
70
mA
ICC
Supply current (total package)
No load
Outputs disabled
26
35
mA
† The power-off measurement in ANSI Standard TIA/EIA-422-B applies to disabled outputs only and is not applied to combined inputs and outputs.
‡ All typical values are at VCC = 5 V and TA = 25°C.
§ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
NOTES:
3. This applies for both power on and off; refer to TIA/EIA-485-A for exact conditions. The TIA/EIA-422-B limit does not apply for a
combined driver and receiver terminal.
4. See TIA/EIA-485-A Figure 3.5, Test Termination Measurement 2.
switching characteristics, VCC = 5 V, RL = 110 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD) Differential-output delay time
RL =54 Ω
See Figure 3
15
22
ns
tt(OD)
Differential-output transition time
RL = 54 Ω,
See Figure 3
20
30
ns
tPZH
Output enable time to high level
See Figure 4
85
120
ns
tPZL
Output enable time to low level
See Figure 5
40
60
ns
tPHZ
Output disable time from high level
See Figure 4
150
250
ns
tPLZ
Output disable time from low level
See Figure 5
20
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com