Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-52 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-52
Description  60 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-52 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-52 Datasheet HTML 1Page - Power Integrations, Inc. DI-52 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
7/03
DI-52
Table 1. Transformer Construction Information.
Figure 2. Efficiency vs. Output Power.
conduction path for the output inductor (L4) current when the
transformer reset is complete.
Key Design Points
• Transformer core reset is critical in this design. MOSFET
gate loading will affect the transformer-reset waveform.
Capacitors C20, C22 and C
Q1GS will all load transformer
reset. Choose values to ensure sufficient reset at low line
and safe maximum drain voltage at high line. Also use
300 kHz operation for longest reset time.
• Capacitors C20 and C22 will capacitively drive MOSFET
gate capacitances C
Q2GS and CQ1GS, respectively. C20 and
C22 should be chosen to ensure that gate drive voltage
attains turn-on threshold of MOSFET (Vg
TH) at worst case
conditions (low line for forward MOSFET).
• Reduce transformer leakage inductance by filling each
winding layer across the entire width of the bobbin.
Table 2. L4 Output Inductor Design Parameters.
02
3
4
15
Pout (W)
70
60
50
80
90
100
36 VDC
48 VDC
72 VDC
TRANSFORMER PARAMETERS
Core Material
Bobbin
Winding Details
Bias (2-5), Primary-1 (4-NC),
12 V (9,10-6,7), Primary-2 (NC-1)
Winding Order and
Pin Numbers
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
Primary 5T + 5T, 4 x 26 AWG
Bias 5T, 1 x 30 AWG
12 V 6T, 4 x 26 AWG
3.8 MHz (minimum)
Ferroxcube P/N: EFD25, ungapped
10-pin EFD25 surface mount bobbin
Pin (1-4): 190 µH ±25% @ 300 kHz
1 µH (maximum)
INDUCTOR PARAMETERS
Core Material
Bobbin
Winding Details
Inductance
Pin (4,5-9,10): 40 µH ±10%
@ 300 kHz
Main (4,5-9,10)
Main 18T, 3 x 24 AWG
10-pin EFD20 surface mount bobbin
Ferroxcube P/N: EFD20-3F3
gap for inductance required
Winding Order and
Pin Numbers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com