Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75276P Datasheet(PDF) 10 Page - STMicroelectronics

Part # SN75276P
Description  FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN75276P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SN75276P Datasheet HTML 6Page - STMicroelectronics SN75276P Datasheet HTML 7Page - STMicroelectronics SN75276P Datasheet HTML 8Page - STMicroelectronics SN75276P Datasheet HTML 9Page - STMicroelectronics SN75276P Datasheet HTML 10Page - STMicroelectronics SN75276P Datasheet HTML 11Page - STMicroelectronics SN75276P Datasheet HTML 12Page - STMicroelectronics SN75276P Datasheet HTML 13Page - STMicroelectronics SN75276P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SN75276
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
SLLS212B – SEPTEMBER 1995 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VCC = 5 V
4.5
4
3.5
3
2.5
2
1.5
1
0.5
– 100
–80
–60
–40
–20
0
– 120
5
IOH – High-Level Output Current – mA
0
TA = 25°C
Figure 9
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VCC = 5 V
TA = 25°C
IOL – Low-Level Output Current – mA
0
120
20
40
60
80
100
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
DRIVER
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VCC = 5 V
3.5
3
2.5
2
1.5
1
0.5
90
80
70
60
50
40
30
20
10
0
100
4
IO – Output Current – mA
0
TA = 25°C
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com