Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-55 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-55
Description  20 W (25 W peak) DVD Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-55 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-55 Datasheet HTML 1Page - Power Integrations, Inc. DI-55 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
B
7/06
DI-55
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer
construction and circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending
U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart, Clampless, E-Shield,
Filterfuse, PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective
companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Table 1. Transformer Design Parameters.
Key Design Points
• For good cross-regulation, minimize transformer leakage
- use foil for 3.3 V and 5 V outputs; minimize peak
primary currents by designing transformer for continuous
conduction mode.
• Shunt regulator (temperature compensated) between 5 V
and 3.3 V outputs in dotted box on schematic is optional.
It is only necessary where min and max load conditions
do not occur simultaneously on both outputs.
• Feedback is taken from both the 3.3 V and 5 V outputs to
the reference (U3) via R9, R11 and R12. The 12 V output
is DC stacked on the 5 V output for enhanced regulation
and voltage centering.
• Primary clamp components VR1, D5, R7, R1 and C2 limit
the leakage inductance induced peak drain voltage spike.
• D5 is a slow recovery diode to recover some of the clamp
energy. It must be a glass passivated type to guarantee a
defined t
rr.
• Use a Zener clamp for lowest zero load input power
consumption.
Table 2. Worst Case Output Cross-Regulation - all Outputs Taken
from Minimum to Maximum Loads.
Voltage
(V)
Load
Range
(A)
3.3
0.3-0.6
5
0.3-1.2
12
0.1-0.2
-24
0.03-0.05
Regulation (%)
-5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
TRANSFORMER PARAMETERS
Core Material
Bobbin
Winding Details
Winding Order
(pin numbers)
Inductance
Primary Resonant
Frequency
Shield 1: 32T, 2 x 32 AWG
Primary: 63T, 2 x 32 AWG
Bias: 6T, 4 x 32 AWG
Shield 2: 4T, 4 x 32 AWG
3.3 V/5 V foil: 2T + 1T, 0.12 mm foil
-24 V: 13T, 2 x 32 AWG
+12 V: 4T, 4 x 32 AWG
Shield (NC-1), tape, primary
(1-4), tape, bias (5-7),
tape, shield 2 (13-NC),
foil (10,11-9-13), -24 V
(14-10,11), 12 V (12-8).
300 kHz (minimum)
EEL25, N67 or equivalent,
gap for ALG of 202 nH/T2
7 pin + 7 pin
Primary: 800
µH ±10%
Leakage: 80
µH (max.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com