Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN751518 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SN751518
Description  DC PLASMA DISPLAY DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN751518 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SN751518 Datasheet HTML 5Page - STMicroelectronics SN751518 Datasheet HTML 6Page - STMicroelectronics SN751518 Datasheet HTML 7Page - STMicroelectronics SN751518 Datasheet HTML 8Page - STMicroelectronics SN751518 Datasheet HTML 9Page - STMicroelectronics SN751518 Datasheet HTML 10Page - STMicroelectronics SN751518 Datasheet HTML 11Page - STMicroelectronics SN751518 Datasheet HTML 12Page - STMicroelectronics SN751518 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SN751508, SN751518
DC PLASMA DISPLAY DRIVERS
SLDS035 – JANUARY 1987 – REVISED NOVEMBER 1989
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
5 V
VCC
CL
CL
CL = 15 pF
(see Note B)
– 75 V
15 pF
91 k
Ω
.
.
.
DATA IN
CLOCK
STROBE
SUSTAIN
LATCH ENABLE
Q1
Q2
Q31
Q32
SERIAL OUT1
SERIAL OUT2
GND
TEST CIRCUIT
Generator
(see Note A)
Generator
(see Note A)
Generator
(see Note A)
Generator
(see Note A)
Generator
(see Note A)
NOTES: A. Input pulses are supplied by generators having the following characteristics: tw = 100 ns, PRR ≤ 5 MHz, tr ≤ 10 ns, tf ≤ 10 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 2. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com