Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM100DAM90G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTM100DAM90G
Description  Boost chopper MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100DAM90G Datasheet(HTML) 6 Page - Microsemi Corporation

  APTM100DAM90G Datasheet HTML 1Page - Microsemi Corporation APTM100DAM90G Datasheet HTML 2Page - Microsemi Corporation APTM100DAM90G Datasheet HTML 3Page - Microsemi Corporation APTM100DAM90G Datasheet HTML 4Page - Microsemi Corporation APTM100DAM90G Datasheet HTML 5Page - Microsemi Corporation APTM100DAM90G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM100DAM90G
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
40
80
120
160
200
20
40
60
80
100 120 140 160
ID, Drain Current (A)
VDS=670V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
20
40
60
80
100 120 140 160
ID, Drain Current (A)
VDS=670V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
E
on
Eoff
0
2
4
6
8
10
20
40
60
80 100 120 140 160
ID, Drain Current (A)
VDS=670V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
0
2
4
6
8
10
12
14
02468
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=670V
ID=78A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
0
10203040506070
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=670V
D=50%
RG=1.2Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com