Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL201212S-R27J-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SNL201212S-R27J-T
Description  SMD Inductor for Signal Line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SNL201212S-R27J-T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SNL201212S-R27J-T Datasheet HTML 1Page - List of Unclassifed Manufacturers SNL201212S-R27J-T Datasheet HTML 2Page - List of Unclassifed Manufacturers SNL201212S-R27J-T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SNL201212S(1/7)-P2/3
SNL201212 Series Type
SMD Inductor for Signal Line
ELECTRICAL CHARACTERISTICS
SRF
Inductance
Q
Min.
(uH)
Min.
(MHz)
SNL201212S-R18□-T
0.18
J,K
30
25.2/100
850
0.34
460
SNL201212S-R27□-T
0.27
J,K
30
25.2/100
660
0.43
440
SNL201212S-R47□-T
0.47
J,K
30
25.2/100
570
0.54
420
SNL201212S-R56□-T
0.56
J,K
30
25.2/100
560
0.64
400
SNL201212S-R68□-T
0.68
J,K
30
25.2/100
480
0.68
350
SNL201212S-R82□-T
0.82
J,K
30
25.2/100
449
0.77
325
SNL201212S-1R0□-T
1.0
J,K
30
25.2/100
394
0.86
300
SNL201212S-1R2□-T
1.2
J,K
25
25.2/100
297
0.97
260
SNL201212S-1R5□-T
1.5
J,K
25
25.2/25.2
206
1.08
250
SNL201212S-1R8□-T
1.8
J,K
25
25.2/25.2
177
1.18
230
SNL201212S-2R2□-T
2.2
J,K
20
25.2/25.2
141
1.32
220
SNL201212S-2R7□-T
2.7
J,K
20
25.2/25.2
128
1.42
210
SNL201212S-3R3□-T
3.3
J,K
15
25.2/25.2
110
1.73
200
SNL201212S-3R9□-T
3.9
J,K
15
25.2/25.2
103
1.72
195
SNL201212S-4R7□-T
4.7
J,K
15
25.2/25.2
98
1.87
185
SNL201212S-5R6□-T
5.6
J,K
15
7.96/7.96
96
2.18
180
SNL201212S-6R8□-T
6.8
J,K
15
7.96/7.96
82
2.90
175
SNL201212S-8R2□-T
8.2
J,K
15
7.96/7.96
64
3.31
140
SNL201212S-100□-T
10
J,K
15
7.96/7.96
56
3.72
115
* □: Please specify the inductance tolerance, J(±5%),K(±10%)
TEST EQUIPMENT :
• Inductance and Q-value : HP 4287A LCR meter, or equivalent
• SRF : HP 8753E RF network analyzer
• RDC : DIGITAL MILLIOHM METER 16502 , or equivalent
* All specification are subject to change without notice. Please contact our sales representatives for details.
Idc Max.
(mA)
Our Product Part Number
*Inductance
Tolerance
Test
Frequency
L,Q(MHz)
DC
Resistance
(Ω)Max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com