Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68PR100LF Datasheet(PDF) 2 Page - Bi technologies

Part # 68PR100LF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

68PR100LF Datasheet(HTML) 2 Page - Bi technologies

  68PR100LF Datasheet HTML 1Page - Bi technologies 68PR100LF Datasheet HTML 2Page - Bi technologies 68PR100LF Datasheet HTML 3Page - Bi technologies 68PR100LF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic Diagram
This Surface
Metal Adjustment Screw
.090/2.29 Dia. With
.020/0.51 Wide X
.025/0.64 Min. Depth
Max.
(1)
(2)
(3)
Meniscus
(Typ)
.19
± .02
4.8
± 0.5
.03
0.8
.245
6.22
Max.
.18
4.6
Min.
Terminal Pins (3)
Dia.
.020
± .003
0.51
± 0.08
Standard Marking
This Surface
Min.
Standoff
.015
± .002
0.38
± 0.05
.187
± .015
4.75
± 0.38
.375
± .015
9.53
± 0.38
.12
± .02
3.1
± 0.5
(2)
(1)
(3)
.060
± .015
1.524
± 0.38
.10
2.5
.187
± .015
4.75
± 0.38
.10
2.5
.375
± .015
9.53
± 0.38
.10
2.5
TOP ADJUSTMENT (Inch/mm)
Schematic Diagram
This Surface
Max.
Standard Marking This Surface
.15
± .02
3.8
± 0.5
Metal Adjustment Screw
.090/2.29 Dia. With
.020/0.51 Wide X
.025/0.64 Min. Depth
.375
± .015
9.53
± 0.38
.062
± .015
1.58
± 0.38
.060
± .015
1.52
± 0.38
.12
± .02
3.1
± 0.5
.245
6.22
Terminal Pins (3)
Dia.
(3)
(2)
(1)
Min.
.18
4.6
.015
0.38
.375
± .015
9.53
± 0.38
.020
± .003
0.51
± 0.08
.187
± .015
4.75
± 0.38
.045
± .015
1.14
± 0.38
.10
2.5
.10
2.5
Model 68W
SIDE ADJUSTMENT (Inch/mm)
Model 68
1-52
Model 68P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com