Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-58 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-58
Description  Low Cost 1.5 W CV/CC Charger or Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-58 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-58 Datasheet HTML 1Page - Power Integrations, Inc. DI-58 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/03
DI-58
Table 1. Transformer Construction Information.
Figure 3. No-load Input Power Consumption.
Core
Bobbin
Winding Details
Winding Order
(pin numbers)
Inductance
Primary Resonant
Frequency
TRANSFORMER PARAMETERS
TDK PC40 EE13,
A
LG= 101 nH/T
2
EE13 Horizontal 8 pin
Primary: 104T, 34 AWG
Shield: 12T, 2 x 30 AWG
Secondary: 15T, 30 AWG T.I.W.
Flux Band: 1T, 6 mm Cu foil
(T.I.W.: Triple Insulated Wire)
Secondary (5-6), tape, Shield
(3-4), tape, Primary
(4-1), tape, Flux band
(3-NC)
Primary: 1.36 mH ±10%, Leakage: 50 µH (max.)
300 kHz (minimum)
Figure 2. Load Regulation - CV/CC Characteristics
with Limits.
0.3
0.2
0.15
0.25
50
100
150
200
250
300
Input Voltage (VAC)
0
0.05
0.1
• To maintain the
±25% CC tolerance the primary inductance
tolerance should be tighter than
±10%.
• Minimize zero load consumption by reducing drain node
capacitance: Use double coated/grade 2 wire for primary
and do not vacuum impregnate. Avoid using an RC snubber
across the output diode.
• For resistive loads, increase C3 to 1
µF (electrolytic) to
allow adequate time for start-up at full load.
• For battery loads, an output LC filter is typically not
required but can be added for resistive loads to reduce
switching ripple.
• R1 can be replaced with an inductor for higher efficiency
(~10% increase).
• Adding a 1 mA to 2 mA pre-load reduces zero load voltage
by ~1 V but increases power consumption by ~10 mW.
• Diode D4 can be replaced with a Schottky for higher
efficiency.
• See AN-35 for more information.
10
6
8
0
0.1
0.3
0.4
Output Current (A)
0
2
4
0.2
V
IN = 85 VAC
V
IN = 265 VAC
Low Limit
High Limit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com