Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LSBWR20LF Datasheet(PDF) 2 Page - Bi technologies

Part # 78LSBWR20LF
Description  1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

78LSBWR20LF Datasheet(HTML) 2 Page - Bi technologies

  78LSBWR20LF Datasheet HTML 1Page - Bi technologies 78LSBWR20LF Datasheet HTML 2Page - Bi technologies 78LSBWR20LF Datasheet HTML 3Page - Bi technologies 78LSBWR20LF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 78
1-62
Circuit Diagram
Marked On This Surface
Metal
Adjustment Screw
.110/2.794
± 0.127 Dia. With .025/0.635
± 0.127 Wide X .031/0.787 ± 0.127 Deep Slot
0.07
1.78
Housing
Molded Plastic
.105
2.667
.32
8.13
.135
3.429
.30
7.62
.70
17.78
1.25
31.75
1.000
± .005
25.400
± 0.127
.125
± .005
3.175
± 0.127
.50
± .03
12.70
± 0.76
.195
± .005
4.953
± 0.127
3 Terminals Pins
Solderable
Dia.
.260
± .015
6.604
± 0.381
.015
± .003
0.127
± 0.076
.093
± .005
2.362
± 0.127
I.D.
2 Mounting Holes
Model No. &
Resistance
Value Marked
On This Surface
.10
2.54
.05
1.27
(1)
(2)
(3)
.028
± .003
0.711
± 0.076
Model 78P
.062/1.575 Max.
Meniscus
3 Electrical Leads – 6/152 Min. Length
No. 30 AWG Teflon Insulated Stranded Wire
Yellow (1)
Red (2)
Green (3)
Model 78L
3 Terminals Pins
Solderable
Dia.
.30
± .02
7.62
± 0.51
.26
± .02
6.60
± 0.51
.70
± .02
17.78
± 0.51
.156
± .031
3.962
± 0.787
(3 Places)
.10
± .02
2.54
± 0.51
.05
± .02
1.27
± 0.51
.028
± .003
0.711
± 0.075
.187
± .031
4.750
± 0.787
(1)
Dia.
(2)
(3)
Model 78S
SIDE ADJUSTMENT (Inch/mm)
Note: Model 78P dimensions applicable to all other models except as noted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com