Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3629 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA3629
Description  Light position controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3629 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA3629 Datasheet HTML 17Page - NXP Semiconductors TDA3629 Datasheet HTML 18Page - NXP Semiconductors TDA3629 Datasheet HTML 19Page - NXP Semiconductors TDA3629 Datasheet HTML 20Page - NXP Semiconductors TDA3629 Datasheet HTML 21Page - NXP Semiconductors TDA3629 Datasheet HTML 22Page - NXP Semiconductors TDA3629 Datasheet HTML 23Page - NXP Semiconductors TDA3629 Datasheet HTML 24Page - NXP Semiconductors TDA3629 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1996 Sep 04
21
Philips Semiconductors
Product specification
Light position controller
TDA3629
The typical immunity results of the TDA3629T are shown in Fig.18. The RF voltage was injected into the control line
(see also Figs 13 and 14). This injection point is the most sensitive one that could be found. This is underlined by the
comparison results shown in Fig.19.
Fig.19 Typical immunity results with respect to RF injection points, with jumper 1 set to 50%.
(1) RF voltage injection point to ground and to battery voltage.
(2) RF voltage injection point to control path.
(3) Immunity level.
handbook, full pagewidth
0
30
VRF(rms)
(V)
102
103
MGE857
10
frequency (MHz)
1
10−1
10
20
device accepted
device not accepted
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com