Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120A20DG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120A20DG
Description  Phase leg with Series diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120A20DG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120A20DG Datasheet HTML 1Page - Microsemi Corporation APTM120A20DG Datasheet HTML 2Page - Microsemi Corporation APTM120A20DG Datasheet HTML 3Page - Microsemi Corporation APTM120A20DG Datasheet HTML 4Page - Microsemi Corporation APTM120A20DG Datasheet HTML 5Page - Microsemi Corporation APTM120A20DG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM120A20DG
www.microsemi.com
1 – 6
S1
G2
G1
S2
0/VBUS
OUT
VBUS
OUT
VBUS
S1
G1
0/VBUS
G2
S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
50
ID
Continuous Drain Current
Tc = 80°C
37
IDM
Pulsed Drain current
200
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
240
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
12
A
EAR
Repetitive Avalanche Energy
30
EAS
Single Pulse Avalanche Energy
1300
mJ
VDSS = 1200V
RDSon = 200mΩ typ @ Tj = 25°C
ID = 50A @ Tc = 25°C
Application
•
Zero Current Switching resonant mode
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
•
RoHS Compliant
Phase leg
with Series diodes
MOSFET Power Module


Similar Part No. - APTM120A20DG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120A20D ADPOW-APTM120A20D Datasheet
300Kb / 6P
Phase leg with Series diodes MOSFET Power Module
More results

Similar Description - APTM120A20DG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50AM24S ADPOW-APTM50AM24S Datasheet
297Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24SC ADPOW-APTM50AM24SC Datasheet
307Kb / 7P
Phase leg Series & parallel diodes MOSFET Power Module
APTM100A13D ADPOW-APTM100A13D Datasheet
298Kb / 6P
Phase leg with Series diodes MOSFET Power Module
APTM120A20D ADPOW-APTM120A20D Datasheet
300Kb / 6P
Phase leg with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM20AM06SG MICROSEMI-APTM20AM06SG Datasheet
275Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM20AM10STG MICROSEMI-APTM20AM10STG Datasheet
287Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24SG MICROSEMI-APTM50AM24SG Datasheet
276Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM100A13DG MICROSEMI-APTM100A13DG Datasheet
271Kb / 6P
Phase leg with Series diodes MOSFET Power Module
APTM100A13SG MICROSEMI-APTM100A13SG Datasheet
273Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM120A20SG MICROSEMI-APTM120A20SG Datasheet
272Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com