Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-60 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-60
Description  Low Cost 2.5 W Regulated Charger/Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-60 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-60 Datasheet HTML 1Page - Power Integrations, Inc. DI-60 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch and EcoSmart are registered trademarks of Power Integrations. PI Expert and
PI FACTS
are trademarks of Power Integrations. Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit described
herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY
DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE,
AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations.
A complete list of Power Integrations' patents may be found at www.powerint.com.
For the latest updates, visit www.powerint.com
www.powerint.com
DI-60
B
12/04
Core Material
Bobbin
Winding Details
Winding Order (pin numbers)
Primary Inductance
Primary Resonant Frequency
TRANSFORMER PARAMETERS
Table 1. Transformer Construction Information.
Figure 3. No Load Input Power Consumption.
Figure 2. Load Regulation–CV/CC Characteristics.
TDK PC40 EE13, AL = 182 nH/T2
EE13 Horizontal 8 pin
Bias: 39T, 34 AWG
Primary: 114T, 34 AWG
Shield: 13.5T, 2 x 31 AWG
Secondary: 12T, 26 AWG (TIW)
Bias (4-3), tape,
Primary (2-1), tape,
Shield (1-open), tape,
Secondary (6-5), tape
2.36 mH ±10%
300 kHz (minimum)
6.5
4.0
4.5
5.0
5.5
6.0
Output Current (A)
0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
450
350
250
150
50
550
115 VAC
230 VAC
Low Limit
High Limit
60
120 150
90
180 210
240 270
Input Voltage (VAC)
150
50
100
0
250
200
300
Typical applications are chargers for cell phones, PDAs,
portable audio devices and shavers or power sources embedded
within home appliances and consumer electronics, such as TV
standby and bias supplies.
Key Design Points
• Set V
OR within 36 V to 60 V (50 V being optimum)
•Transformer primary inductance tolerance must be
≤ ±10%, to maintain CC limit tolerances (±25/20%)
• To allow more time for reaching regulation at startup (or
into a fully resistive load), increase C6 to 1
µF
• If battery voltage is less than 2 V, then the LinkSwitch will
not come out of its auto-restart mode
• To lower the ripple voltage into non-battery loads, an LC
filter or LDO must be added onto the output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com