Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120DDA57T3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120DDA57T3G
Description  Dual Boost chopper MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120DDA57T3G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120DDA57T3G Datasheet HTML 1Page - Microsemi Corporation APTM120DDA57T3G Datasheet HTML 2Page - Microsemi Corporation APTM120DDA57T3G Datasheet HTML 3Page - Microsemi Corporation APTM120DDA57T3G Datasheet HTML 4Page - Microsemi Corporation APTM120DDA57T3G Datasheet HTML 5Page - Microsemi Corporation APTM120DDA57T3G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM120DDA57T3G
www.microsemi.com
1 – 6
14
13
Q1
Q2
23
8
22
7
CR1
CR2
30
29
32
4
26
3
27
31
16
15
R1
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 13/14 ; 29/30 ; 22/23 …
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
17
ID
Continuous Drain Current
Tc = 80°C
13
IDM
Pulsed Drain current
68
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
684
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
22
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 1200V
RDSon = 570mΩ typ @ Tj = 25°C
ID = 17A @ Tc = 25°C
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
Each leg can be easily paralleled to achieve a single
boost of twice the current capability
•
RoHS Compliant
Dual Boost chopper
MOSFET Power Module


Similar Part No. - APTM120DDA57T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120DDA57T3 ADPOW-APTM120DDA57T3 Datasheet
320Kb / 6P
Dual Boost chopper MOSFET Power Module
More results

Similar Description - APTM120DDA57T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10DDAM09T3 ADPOW-APTM10DDAM09T3 Datasheet
315Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM10DDAM19T3 ADPOW-APTM10DDAM19T3 Datasheet
315Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM50DDA10T3 ADPOW-APTM50DDA10T3 Datasheet
321Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM50DDAM65T3 ADPOW-APTM50DDAM65T3 Datasheet
320Kb / 6P
Dual Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DDAM09T3G MICROSEMI-APTM10DDAM09T3G Datasheet
287Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM10DDAM19T3G MICROSEMI-APTM10DDAM19T3G Datasheet
287Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM50DDA10T3G MICROSEMI-APTM50DDA10T3G Datasheet
293Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM50DDAM65T3G MICROSEMI-APTM50DDAM65T3G Datasheet
293Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM100DDA35T3G MICROSEMI-APTM100DDA35T3G Datasheet
291Kb / 6P
Dual Boost chopper MOSFET Power Module
APTM100VDA35T3G MICROSEMI-APTM100VDA35T3G Datasheet
240Kb / 7P
Dual Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com