Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120DU15G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120DU15G
Description  Dual common source MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120DU15G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120DU15G Datasheet HTML 1Page - Microsemi Corporation APTM120DU15G Datasheet HTML 2Page - Microsemi Corporation APTM120DU15G Datasheet HTML 3Page - Microsemi Corporation APTM120DU15G Datasheet HTML 4Page - Microsemi Corporation APTM120DU15G Datasheet HTML 5Page - Microsemi Corporation APTM120DU15G Datasheet HTML 6Page - Microsemi Corporation APTM120DU15G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTM120DU15G
www.microsemi.com
1 – 7
D2
S
Q1
D1
S2
G2
Q2
G1
S1
D2
G1
S1
S
G2
D1
S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
60
ID
Continuous Drain Current
Tc = 80°C
45
IDM
Pulsed Drain current
240
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
175
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
22
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 1200V
RDSon = 150mΩ typ @ Tj = 25°C
ID = 60A @ Tc = 25°C
Application
•
AC Switches
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
•
RoHS Compliant
Dual common source
MOSFET Power Module


Similar Part No. - APTM120DU15G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120DU15 ADPOW-APTM120DU15 Datasheet
302Kb / 6P
Dual common source MOSFET Power Module
More results

Similar Description - APTM120DU15G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DUM05 ADPOW-APTM20DUM05 Datasheet
289Kb / 6P
Dual common source MOSFET Power Module
APTM20DUM10T ADPOW-APTM20DUM10T Datasheet
303Kb / 6P
Dual common source MOSFET Power Module
APTM10DUM02 ADPOW-APTM10DUM02 Datasheet
297Kb / 6P
Dual Common Source MOSFET Power Module
APTM120DU29T ADPOW-APTM120DU29T Datasheet
313Kb / 6P
Dual Common Source MOSFET Power Module
logo
Microsemi Corporation
APTM10DUM02G MICROSEMI-APTM10DUM02G Datasheet
274Kb / 6P
Dual Common Source MOSFET Power Module
APTM10DUM05TG MICROSEMI-APTM10DUM05TG Datasheet
286Kb / 6P
Dual common source MOSFET Power Module
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
Dual common source MOSFET Power Module
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
Dual common source MOSFET Power Module
APTM50DUM19G MICROSEMI-APTM50DUM19G Datasheet
281Kb / 6P
Dual common source MOSFET Power Module
APTM50DUM38TG MICROSEMI-APTM50DUM38TG Datasheet
293Kb / 6P
Dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com