Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-66 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-66
Description  45 W, Universal Input, LCD Monitor Internal Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-66 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-66 Datasheet HTML 1Page - Power Integrations, Inc. DI-66 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch and EcoSmart are registered trademarks of Power Integrations. PI Expert and
PI FACTS
are trademarks of Power Integrations. Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit described
herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY
DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE,
AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations.
A complete list of Power Integrations' patents may be found at www.powerint.com.
For the latest updates, visit www.powerint.com
www.powerint.com
B
12/04
DI-66
Table 1. Transformer Construction Information.
Core
Bobbin
Winding Details
Winding Order
(pin numbers)
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
TRANSFORMER PARAMETERS
Samwha EER3016S-PL-7
ALG of 342 nH/T2
10 Pin, EER3016S
1/2 Primary: 28 T, 26 AWG
Bias: 7T, 2 x 26 AWG
12 V Secondary, 4T, 2 x 25 AWG
Triple Insulated Wire
5 V Secondary: 3T, 3 x 25 AWG
Triple Insulated Wire
1/2 Primary: 24T, 26 AWG
1/2 Primary: 2-5, tape 1L
Bias: 3-4, tape 2L
12 V Secondary: 10-6,7
5 V Secondary: 6,7-8,9, tape 2L
1/2 Primary: 5-1, tape 3L
919 µH ±10%
1.1 MHz (Min)
18 µH (Max)
0
0.2
0.3
0.1
0.4
0.5
0.6
0.7
Output Power (W)
0.6
0.7
0.3
0.4
0.5
0.2
1
1.1
0.8
0.9
1.2
230 VAC
115 VAC
-20
-10
0
10
20
30
40
50
60
70
80
0.15
1
10
70
Frequency (MHz)
(QP)
(AV)
Quasi-Peak Scan
Average Scan
Figure 3. P
in vs. Pout, 5 V Output Loaded, No Load
on 12 V Output.
Figure 2. Conducted EMI, CISPR22B Limits, Maximum Load, Secondary
Return Connected to Safety Ground, 230 VAC Input.
Effective EMI filtering is accomplished with only five parts
(L1, CX1, CY1-CY3), due to the built-in frequency jitter
function of TOPSwitch-GX.
Key Design Points
• Use 66 kHz operation to reduce standby power loss.
• To reduce the number of primary turns required for
66 kHz operation, the A
e of the T1 core must be large.
Recommended cores are EER3016S and PQ2620.
• Split-primary transformer construction should be used to
keep leakage inductance to a minimum.
• Use an RCD snubber with the normal recovery diode. Size
resistors R2 and R3 for the highest value that ensures
adequate drain voltage margin under overload conditions at
high line.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com