Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-70 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-70
Description  PoE Detection and Classification (Class 0) Interface Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-70 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-70 Datasheet HTML 1Page - Power Integrations, Inc. DI-70 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
F
11/05
DI-70
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, Clampless, E-Shield, Filterfuse,
PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies.
©Copyright 2005, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Figure 2. PoE Interface Circuit–Using a MOSFET Pass-Switch.
Figure 3. Detection Impedance V-I Curve.
Q51
IRF530N
(100 V / 0.11
Ω)
R51
24.9 k/1%
1/4 W
R52
51 k
1/8 W
R53
249 k
1/8 W
VR51
28 V
500 mW
VR52
15 V
200 mW
VIN
0 V to 57 V
DC-DC
RTN
0V
DC-DC
RTN
PI-3825-030304
+
Voltage (V)
0.80
0.60
23.75 k
Ω
0.20
0.40
0.00
0
2
4
6
8
10
12
Class 0
Detect Min
Detect Max
Detection
Voltage
Range
26.5 k
Ω
Figure 4. Classification Current (Class 0).
Figure 5. Pass-Switch Efficiency.
Voltage (V)
6
2
4
0
10
12
14
16
18
20
22
Class 0
Class 0 Max
Class 0 Min
Classification
Voltage Range
400
µA
@ 10 V
880
µA
@ 22 V
30
40
45
35
50
55
60
Input Voltage (V)
90
80
70
60
100
IRF530N
TIP29 Enhanced
the under-voltage threshold for the DPA-Switch is programed
bycomponentsR1,R21,R22,R23andQ20,settingtheturn-on
voltage to 42 VDC and turn-off voltage to 34 VDC.
Key Design Points
Bipolar Transistor Pass-Switch:
• Choose Q51 bipolar with sufficient current and voltage
capability and highest available DC-current gain.
• Choose R52 to give sufficient base-drive at turn-on, to
allow the DC-DC converter to start.
• Choose R54 (typically 10-20 Ω) to limit the capacitively
coupled current spike during switching.
MOSFET Pass-Switch:
• Choose R52 to limit power dissipation in VR51 and VR52.
• Choose R53 to ensure MOSFET turn-off below 28 VDC.
• Choose VR51 to block Q51 turn-on below <28 VDC.
• Higher values of R52, R53 and VR51 will limit dissipation.
• Choose VR52 to limit the maximum gate to source voltage
on Q51 (typically 15 VDC is a good choice).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com