Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120SK15G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120SK15G
Description  Buck chopper MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120SK15G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120SK15G Datasheet HTML 1Page - Microsemi Corporation APTM120SK15G Datasheet HTML 2Page - Microsemi Corporation APTM120SK15G Datasheet HTML 3Page - Microsemi Corporation APTM120SK15G Datasheet HTML 4Page - Microsemi Corporation APTM120SK15G Datasheet HTML 5Page - Microsemi Corporation APTM120SK15G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM120SK15G
www.microsemi.com
1 – 6
Q1
S1
OUT
0/VBUS
CR2
VBUS
G1
OUT
G1
S1
0/VBUS
VBUS
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
60
ID
Continuous Drain Current
Tc = 80°C
45
IDM
Pulsed Drain current
240
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
175
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
22
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 1200V
RDSon = 150mΩ typ @ Tj = 25°C
ID = 60A @ Tc = 25°C
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
•
RoHS Compliant
Buck chopper
MOSFET Power Module


Similar Part No. - APTM120SK15G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120SK15 ADPOW-APTM120SK15 Datasheet
303Kb / 6P
Buck chopper MOSFET Power Module
More results

Similar Description - APTM120SK15G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50SKM19 ADPOW-APTM50SKM19 Datasheet
289Kb / 6P
Buck chopper MOSFET Power Module
APTM100SK18T ADPOW-APTM100SK18T Datasheet
314Kb / 6P
Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10SKM05TG MICROSEMI-APTM10SKM05TG Datasheet
280Kb / 6P
Buck chopper MOSFET Power Module
APTM20SKM04G MICROSEMI-APTM20SKM04G Datasheet
275Kb / 7P
Buck chopper MOSFET Power Module
APTM20SKM05G MICROSEMI-APTM20SKM05G Datasheet
276Kb / 6P
Buck chopper MOSFET Power Module
APTM20SKM10TG MICROSEMI-APTM20SKM10TG Datasheet
287Kb / 6P
Buck chopper MOSFET Power Module
APTM50SKM35TG MICROSEMI-APTM50SKM35TG Datasheet
286Kb / 6P
Buck Chopper MOSFET Power Module
APTM100SK18TG MICROSEMI-APTM100SK18TG Datasheet
285Kb / 6P
Buck chopper MOSFET Power Module
APTM120SK29TG MICROSEMI-APTM120SK29TG Datasheet
285Kb / 6P
Buck chopper MOSFET Power Module
APTM100SK33T1G MICROSEMI-APTM100SK33T1G Datasheet
151Kb / 5P
Buck chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com