Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120TA57FPG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTM120TA57FPG
Description  Triple phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120TA57FPG Datasheet(HTML) 6 Page - Microsemi Corporation

  APTM120TA57FPG Datasheet HTML 1Page - Microsemi Corporation APTM120TA57FPG Datasheet HTML 2Page - Microsemi Corporation APTM120TA57FPG Datasheet HTML 3Page - Microsemi Corporation APTM120TA57FPG Datasheet HTML 4Page - Microsemi Corporation APTM120TA57FPG Datasheet HTML 5Page - Microsemi Corporation APTM120TA57FPG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM120TA57FPG
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
120
140
160
180
5
1015
20
253035
ID, Drain Current (A)
VDS=800V
RG=5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
5
10
15
20253035
ID, Drain Current (A)
VDS=800V
RG=5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
5
101520
25
3035
ID, Drain Current (A)
VDS=800V
RG=5Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
0
1
2
3
4
0
5
10
15
20
25
30
35
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=800V
ID=17A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
25
50
75
100
125
150
175
200
225
4
6
8
101214
16
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=800V
D=50%
RG=5Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com