Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-75 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-75
Description  Low Cost 2.5 W Regulated Charger/Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-75 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-75 Datasheet HTML 1Page - Power Integrations, Inc. DI-75 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-75
B
5/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations.
Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATIONS, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Typicalapplicationsarechargersforcellphones,PDAs,portable
audio devices and shavers or power sources embedded within
homeappliancesand consumerelectronics,such asTVstandby
and bias supplies.
Figure 3. No Load Input Power Consumption.
Figure 2. Load Regulation–CV/CC Characteristics.
TRANSFORMER PARAMETERS
Core Material
TDK PC40 EE13,
AL = 185 nH/T2
Bobbin
EE13 Horizontal 8 pin
Winding Details
Bias: 39T, 34 AWG
Primary: 114T, 35 AWG
Shield: 13T, 2 x 31 AWG
Secondary: 12T, 26 AWG
Winding Order (pin
number)
Bias: (1-2), tape
Primary: (4-3), tape
Shield: (3-open), tape
Secondary: (7-6), tape
Primary Inductance 2.40 mH
Primary Resonant
Frequency
300 kHz (minimum)
7
5
6
Load (mA)
0
1
2
3
4
400
300
200
100
0
600
500
MIN
MAX
85 VAC
115 VAC
230 VAC
265 VAC
300
200
250
VIN (VAC)
0
50
100
150
180
150
120
90
0
240 270
210
Table 1. Transformer Construction Information.
Key Design Points
• Set V
OR within 36 V to 60 V (50 V being optimum)
• Transformer primary inductance tolerance must be
≤ ±10%, to maintain CC limit tolerances (±25%)
• To allow more time for reaching regulation at startup
(or into a fully resistive load), increase C6 to 1 µF
• If battery voltage is less than 2 V, then the LinkSwitch
will not come out of its auto-restart mode
• To lower the ripple voltage into non-battery loads, an
LC filter or LDO must be added onto the output
• Adjust output voltage by changing R8 (and/or VR1) and
adjust constant current by changing R5.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com