Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-ST-42-S-R Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMMT-ST-42-S-R
Description  Stepper motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-ST-42-S-R Datasheet(HTML) 2 Page - Festo Corporation.

  EMMT-ST-42-S-R Datasheet HTML 1Page - Festo Corporation. EMMT-ST-42-S-R Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Peak torque
0.25 Nm
Max. rotational speed
2700 rpm
Max. mechanical speed
9000 rpm
Step angle with full step
1.8 deg
Step angle tolerance
±5%
Continuous stall current
2 A
Motor nominal current
1.8 A
Peak current
2 A
Motor constants
0.133 Nm/A
Voltage constant, phase
12.1 mVmin
Phase winding resistance
2.1 Ohm
Winding inductance phase
3 mH
Winding longitudinal inductivity Ld (phase)
1.6 mH
Cross inductivity Lq (phase)
3 mH
Electric time constant
1.4 ms
Thermal time constant
22 min
Thermal resistance
3.5 K/W
Measuring flange
200 x 200 x 15 mm, steel
Total output inertia moment
0.035 kgcm²
Product weight
370 g
Permissible axial shaft load
10 N
Permissible radial shaft load
28 N
8/18/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com