Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-ST-42-L-RMB Datasheet(PDF) 1 Page - Festo Corporation.

Part # EMMT-ST-42-L-RMB
Description  Stepper motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-ST-42-L-RMB Datasheet(HTML) 1 Page - Festo Corporation.

  EMMT-ST-42-L-RMB Datasheet HTML 1Page - Festo Corporation. EMMT-ST-42-L-RMB Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stepper motor
EMMT-ST-42-L-RMB
Part number: 8156172
General operating condition
Data sheet
Feature
Value
Ambient temperature
-15 °C ... 40 °C
Note on ambient temperature
up to 80°C with derating -2%/°C
Max. installation height
4000 m
Information on max. installation height
with 1,000 m and longer only with derating of -1.0% per 100 m
Storage temperature
-20 °C ... 70 °C
Relative air humidity
0 - 90 %
Conforms to standard
IEC 60034
Thermal class according to EN 60034-1
B
Max. winding temperature
130 °C
Rating class according to EN 60034-1
S1
Temperature monitoring
Dig. motor temp. via BiSS-C
Motor type as per EN 60034-7
IM B5
IM V1
IM V3
Mounting position
Any
Degree of protection
IP40
Note on degree of protection
IP40 for motor shaft without rotary shaft seal
IP65 for motor housing, incl. connection technology
Interface code, motor out
42A
Electrical connection 1, connection type
Hybrid plug
Electrical connection 1, connection technology
M17x0.75
Electrical connection 1, number of pins/wires
12
Electrical connection for input 1, connection pattern
00997532
Note on materials
RoHS-compliant
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Certificate issuing authority
UL E342973
Nominal operating voltage DC
48 V
Number of pole pairs
50
8/18/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - EMMT-ST-42-L-RMB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMT-ST-42-L-RM FESTO-EMMT-ST-42-L-RM Datasheet
87Kb / 2P
Stepper motor
More results

Similar Description - EMMT-ST-42-L-RMB

ManufacturerPart #DatasheetDescription
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
STEPPER MOTOR
17HS19-0406S STEPPERONLINE-17HS19-0406S Datasheet
130Kb / 1P
STEPPER MOTOR
17HS24-0644S STEPPERONLINE-17HS24-0644S Datasheet
139Kb / 1P
STEPPER MOTOR
17HS24-2104D STEPPERONLINE-17HS24-2104D Datasheet
151Kb / 1P
STEPPER MOTOR
23HM20-0384D STEPPERONLINE-23HM20-0384D Datasheet
158Kb / 1P
STEPPER MOTOR
23HR20-2804S STEPPERONLINE-23HR20-2804S Datasheet
146Kb / 1P
STEPPER MOTOR
23HS16-0884S STEPPERONLINE-23HS16-0884S Datasheet
143Kb / 1P
STEPPER MOTOR
23HS16-2804D STEPPERONLINE-23HS16-2804D Datasheet
144Kb / 1P
STEPPER MOTOR
23HS17-1008S STEPPERONLINE-23HS17-1008S Datasheet
151Kb / 1P
STEPPER MOTOR
23HS20-2004S STEPPERONLINE-23HS20-2004S Datasheet
141Kb / 1P
STEPPER MOTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com