Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF448B Datasheet(PDF) 4 Page - Advanced Power Technology

Part # ARF448B
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF448B Datasheet(HTML) 4 Page - Advanced Power Technology

  ARF448B Datasheet HTML 1Page - Advanced Power Technology ARF448B Datasheet HTML 2Page - Advanced Power Technology ARF448B Datasheet HTML 3Page - Advanced Power Technology ARF448B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
3.55 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
2-Plcs.
Top View
ARF448A
Device
ARF448B
Gate
Drain
Source
Source
Drain
Gate
Dimensions in Millimeters and (Inches)
NOTE: The ARF446 and ARF447 comprise a symmetric
pair of RF power transistors and meet the same electrical
specifications. The device pin-outs are the mirror image
of each other to allow ease of use as a push-pull pair.
L1
C2
T1
R1
DUT
L2
L3
C3
C4
C6
C7
C5
L4
150V
+
-
RF Output
RF Input
C1 -- 1800pF 100V chip
C2-C4 -- Arco 463 Mica Trimmer
C5-C7 -- 1nF 500V COG chip
L1 -- 1" #16 AWG into hairpin ~9.6nH
L2 -- 6t #16 AWG .25" ID ~165nH
L3 -- 10t #18 AWG .25" ID ~0.47µH
L4 -- VK200-4B ferrite choke ~3µH
R1 -- 25 Ohm 1/2W Carbon
T1 -- 9:1 Broadband Transformer
40.48 MHz Test Circuit
C1
Parts List
TO-247 Package Outline
ARF448A/448B
40.68 MHz Test Circuit
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com