Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72PR50LFTB Datasheet(PDF) 5 Page - Bi technologies

Part # 72PR50LFTB
Description  3/8 Square Single Turn Cermet Trimming Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

72PR50LFTB Datasheet(HTML) 5 Page - Bi technologies

  72PR50LFTB Datasheet HTML 1Page - Bi technologies 72PR50LFTB Datasheet HTML 2Page - Bi technologies 72PR50LFTB Datasheet HTML 3Page - Bi technologies 72PR50LFTB Datasheet HTML 4Page - Bi technologies 72PR50LFTB Datasheet HTML 5Page - Bi technologies 72PR50LFTB Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1-59
Model 72
PACKAGING
Standard:
Boxes
Capacity
=
100 Units
Option:
Tubes
All units oriented with #1 pin to same side.
Pin Style
P, PM
X, XL, XW, RW
Magazine
Width
=
0.47”
0.29”
Height
=
0.54”
0.76”
Length
=
20.5”
20.1”
Capacity
=
50 Units
50 Units
Option:
Tape & Reel, Ammo Pack (Available only for 72RW only)
All units oriented with #1 pin to the right of the direction of feed.
Seat Plane to
Centerline of
Sprocket Hole
=
.71” (18.03 mm)
Tape
Width
=
18 mm
Sprocket
=
Single Hole .50” spacing
Capacity
=
1,000 Units
Reel
Diameter
=
14” (356mm)
Ammo
Tape Fold
=
12” (305mm)
Box
=
1.8” x 13” x 10” (46mm x 330mm x 254mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com