Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-ST-57-M-R Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMMT-ST-57-M-R
Description  Stepper motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-ST-57-M-R Datasheet(HTML) 2 Page - Festo Corporation.

  EMMT-ST-57-M-R Datasheet HTML 1Page - Festo Corporation. EMMT-ST-57-M-R Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Peak torque
1.1 Nm
Max. rotational speed
2600 rpm
Max. mechanical speed
8000 rpm
Step angle with full step
1.8 deg
Step angle tolerance
±5%
Continuous stall current
6.6 A
Motor nominal current
5.4 A
Peak current
8 A
Motor constants
0.152 Nm/A
Voltage constant, phase
13.1 mVmin
Phase winding resistance
0.17 Ohm
Winding inductance phase
0.5 mH
Winding longitudinal inductivity Ld (phase)
0.7 mH
Cross inductivity Lq (phase)
0.5 mH
Electric time constant
2.9 ms
Thermal time constant
27 min
Thermal resistance
1.6 K/W
Measuring flange
200 x 200 x 15 mm, steel
Total output inertia moment
0.3 kgcm²
Product weight
900 g
Permissible axial shaft load
15 N
Permissible radial shaft load
75 N
8/18/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com