Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-78 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-78
Description  Low Cost 1.6 W CV/CC Charger/Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-78 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-78 Datasheet HTML 1Page - Power Integrations, Inc. DI-78 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-78
A
11/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch and EcoSmart are registered trademarks of Power Integrations. PI Expert and
PI FACTS are trademarks of Power Integrations. Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATIONS, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Table 1. Transformer Design Parameters.
Figure 3. V-I Output Characteristic.
Figure 2. Conducted EMI Plot, 230 VAC Input, Maximum Load and
Output Return Connected to Artificial Hand Input of LISN.
TRANSFORMER PARAMETERS
Core Material
EP10 (TDK PC40), gapped for
A
L of 54.1 nH/T
2
Bobbin
EP10 Horizontal, 8-pin
Winding Details
Shield 1: 23T, 38 AWG x 2, tape,
Primary: 129T, 38 AWG, tape,
Shield 2: 10T, 31 AWG x 2, tape,
Secondary: 11T, 32 AWG triple
insulated, tape
Primary
Inductance
900 µH ±5%
Primary Resonant
Frequency
900 kHz (minimum)
Leakage
Inductance
70 µH (maximum)
Figure 4. No-Load Input Power vs. Line Voltage.
Key Design Points
• Diode D5 should be a glass passivated type to guarantee a
specified recovery time and should be used with R2 fitted
to limit reverse pull-out current.
• Select the value of C1 and C2 to meet differential line surge
withstand requirements.
1.0
0.15
10.0
70.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
Average
Quasi Peak
3
4
5
6
Output Current (mA)
0
1
2
160
80
0
400
320
240
Low Limit
High Limit
85 VAC
265 VAC
150
125
200
225
250
175
Input Voltage (VAC)
0
50
25
100
75
150
100
50
0
300
250
200
• Select the initial value of R9 using: R9 = V
F(U2)/IO. Small
adjustments may be made by changing the value of R8.
• Use an optocoupler with a high CTR (300% to 600%) to
improve CC linearity and variability.
• For VR1 select a Zener series with a low test current.
• Inductor L2 and C7 are typically not required for battery
loads.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com