Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-84 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-84
Description  3 W Charger: <30 mW No-load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-84 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-84 Datasheet HTML 1Page - Power Integrations, Inc. DI-84 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-84
A
6/05
300
600
700
800
900
500
400
BYPASS Pin Current (
µA)
30
20
10
0
40
50
60
70
80
115 VAC
230 VAC
85
205
185
245
225
265
165
145
125
105
Input Voltage (VAC)
23
25
21
17
19
15
27
29
33
31
35
0
300 400 500 600
200
100
700
Output Current (mA)
3
2
1
0
4
5
6
115 VAC
230 VAC
Limits for
Output Voltage
and Current
TRANSFORMER PARAMETERS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com