Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-85 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-85
Description  2 W Charger: Replaces Unregulated Linear Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-85 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-85 Datasheet HTML 1Page - Power Integrations, Inc. DI-85 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-85
B
2/06
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, Clampless, E-Shield, Filterfuse,
PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies.
©Copyright 2005, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Figure 3. No-load Input Power vs. Line Voltage.
Figure 4. Efficiency vs. Output Power and Line Voltage.
Figure 2. Output VI Characteristic Curves vs. Load & Line
Key Design Points
• The PI Xls spreadsheet calculates all of the parameters
required to specify and build transformer T1.
• This design uses one of two “standard” transformers (see
AN-39). With this transformer, the output voltage of the
supply can be set between 4 V and 7.5 V by selecting the
appropriate value of R1.
• Figure 1 contains three optional components: RF1,
VR1 and C4. A fusible resistor must be used if a safety
agency disapproves of using L1 as a fusible component.
The auto-restart function limits the output power
during open loop operation, so only a 1/2 W VR1 is
required if the open loop output voltage is unacceptable.
Y capacitor C4 improves EMI repeatability but is not
required to meet EMI limits.
• FortheICtolimitthesupplyʼsoutputcurrentpastthepoint
of peak power delivery, the voltage on the FB pin must
begintodropbelow1.69Vastheloadincreases. Therefore,
the value of R1 should be selected so the FB pin voltage is
1.69 V at the peak power point.
0
0.2
0.1
0.4
0.5
0.3
0.6
0.8
0.9
0.7
1
Average Output Current (A)
10
9
8
7
6
5
4
3
2
1
0
90 VDC
115 VDC
230 VDC
265 VDC
Min Limit
Max Limit
50
100
150
200
250
300
AC Input Voltage (VAC)
160
140
100
120
60
80
40
20
0
0.00
0.50
1.00
1.50
2.50
2.00
3.00
Output Power (W)
80
70
50
60
30
40
20
10
0
90 VDC
115 VDC
230 VDC
265 VDC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com