Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-88 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-88
Description  PoE Detection and Classification (Class 0-3) Interface Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-88 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-88 Datasheet HTML 1Page - Power Integrations, Inc. DI-88 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-88
C
11/05
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, Clampless, E-Shield, Filterfuse,
PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies.
©Copyright 2005, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Figure 3. Classification Current (Class 1:
R34 = 133
Ω).
Figure 2. Detection Impedance V-I Curve.
VR31 inhibits the classification circuit at input voltages below
11V.ComponentsQ32,Q31andR32forma350µAbiascurrent
source programmed by resistor R33 working in conjunction
with the base-emitter voltage of Q31. Transistor Q33 forms
the classification current source programmed by resistor R34
working in conjunction with the 1.24 V voltage reference U31.
Transistor Q34 disables the classification current source when
Zener diode VR32 conducts (when the input voltage exceeds
approximately 28 V).
Key Design Points
• For Class 0, remove components VR31, R32, R33, R34,
R35, Q31, Q32, Q33, Q34 and U31.
• R34 values: Class 1, R34 = 133 Ω; Class 2, R34 = 68.9 Ω;
Class 3, R34 = 45.3 Ω.
• It is possible to use either bipolar transistor or MOSFET
pass-switches (Q35). A bipolar transistor is less expensive,
but a MOSFET gives higher pass-switch efficiency. See
design idea (DI-70) for details.
• Thebiascurrentsource(Q31)isusedtoallowtheclassification
current source to be turned-off for minimal power loss once
input voltage exceeds 28 VDC. This limits the dissipation
Figure 4. Classification Current (Classes 2 & 3:
R34 = 69.8
Ω and R34 = 45.3 Ω).
Voltage (V)
0.80
0.60
0.20
0.40
0.00
0
2
4
6
8
10
12
Class 1
Class 2
Class 3
Detect Min
Detect Max
Detection
Voltage
Range
23.75 k
Ω
26.5 k
Ω
Voltage (V)
14
10
12
8
10
12
14
16
18
20
22
Class 1
Class 1 Max
Class 1 Min
Classification
Voltage Range
of the classification circuit to approximately 20 mW at
high input line (57 VDC) plus detection resistor (R31)
dissipation of 130 mW.
Voltage (V)
22
18
26
30
14
10
12
14
16
18
20
22
Class 2
Class 3
Class 3 Max
Class 3 Min
Class 2 Max
Class 2 Min
Classification
Voltage
Range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com