Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-92 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-92
Description  0.5 W Non-Isolated Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-92 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-92 Datasheet HTML 1Page - Power Integrations, Inc. DI-92 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-92
B
9/05
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, PI Expert and PI FACTS are trademarks of
Power Integrations, Inc. Other trademarks are property of their respective companies.
Copyright 2005, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Figure 2. Conducted EMI Plot of the Schematic Shown in
Figure 1 – Background Scans Taken at 110 VAC:
Foreground Scans Taken at 230 VAC.
Figure 3. Output Current (Top Trace) and Input Current
(Bottom Trace), 50 mA/div, 5
µs/div.
Key Design Points
• The circuit shown in Figure 1 has a total output current
tolerance of ±12% (including ∆T of 50 °C).
• To prevent noise coupling to the input, place the input filter
components physically away from the source node of the
LinkSwitch-TN
andL1inductor. TheDCinputfiltercapacitors
C1 and C2 can be placed as a barrier between the AC input
and these two components.
• The circuit shown in Figure 1 uses a low cost resistive pi (π)
filter for differential mode filtering. For output power greater
than 0.5 W, an inductive pi filter is recommended.
• For better EMI performance, operate the circuit strictly in
DCM (see Figure 3 – output current decays to zero in every
switching cycle).
• A second rectifier diode may be placed in the return leg of
theAC input (not used in Figure 1). This may give improved
EMI performance and better surge withstand capability.
• The maximum number of LED strings determines the
total output current and is limited by the current limit of
the LNK302 device and the inductance of L2.
1.0
0.15
10.0
100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
0
20
25
30
15
10
5
35
40
45
50
Time (
µs)
0 mA
0 mA
Populated Circuit Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com