Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-93 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-93
Description  General Purpose 32 W Continuous (81 W Peak) Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-93 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-93 Datasheet HTML 1Page - Power Integrations, Inc. DI-93 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-93
C
6/06
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer
construction and circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending
U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart, Clampless, E-Shield,
Filterfuse, PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective
companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Figure 3. Available Output Power at 1 W and 3 W Input Power.
Figure 2. Active-Mode Efficiency Performance.
Figure 4. Conducted EMI to EN55022 B Limit, at Full Load,
with 115 VAC, 60 Hz Input Voltage.
Ten components enable load overvoltage and over-current
protection:C13,C16,D10,Q1,Q2,R9,R10,R11,R14andVR3.
They work with the latching shutdown function as follows:
– If the supply output voltage goes above 36 V, VR3 conducts
and turns on Q2, which shorts the secondary winding of
T1. After 30 ms of U1 receiving no feedback, the supply
latches off.
20
10
0
10
5
0
15
20
25
30
35
Output Power (W)
40
30
70
80
90
60
50
115 VAC Input
230 VAC Input
.75
.50
.25
.00
140
100
120
80
160
180
200
220
240
260
280
AC Input Voltage
1.25
1.00
2.00
2.25
2.50
1.75
1.50
= 1 W Input Power
= 3 W Input Power
1.0
0.15
10.0
-100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
– If the load pulls peak current for longer than the RC time
constant (≈ 60 ms) of C13 and R10, Q1 turns on, which turns
Q2 on and shorts the secondary winding of T1. Again, after
30 ms of U1 receiving no feedback, the supply latches off.
Capacitor C17 attenuates differential-mode conducted EMI.
Resistor R15 dampens high frequency ringing.
Key Design Points
• The value of C7 sets the reset time of the latched shutdown
function, once the AC input is removed. Verify that the
latch resets, within the time allowed, at the highest input
voltage.
• For thermal considerations, the PeakSwitch IC, the output
diode and their heatsinks, and the transformer core size
depend on the continuous-to-peak power ratio, and the
duration and frequency of the peak power pulses.
• Choose the values for R10 and C13 so that normal peak
loads will not turn Q1 on. However, do not set the RC
time constant so long that the supply does not latch off
within the 60 seconds specified by IEC 60950-1, section
2.5, Table 2B (Limited Power Sources requirements).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com