Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-102 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-102
Description  Lowered Overvoltage for Power over Ethernet (PoE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-102 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-102 Datasheet HTML 1Page - Power Integrations, Inc. DI-102 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-102
A
8/05
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, PI Expert and PI FACTS are trademarks of
Power Integrations, Inc. Other trademarks are property of their respective companies.
Copyright 2005, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Design Formulae
Component values are calculated as follows:
IEEE 802.3af overvoltage requiements are:
V
OV_OFF = 63 VDC
Input voltage turn-off
V
IN(th)
= 60 VDC
OVSD becomes active
From the DPA-Switch data sheet we have the following:
I
OV_OFF = 135 µA
This is the L-pin current at which
the device turns off
V
L = 2.5 VDC
L-pin voltage at I
L = IOV_OFF
V
C = 5.8 VDC
Control-pin voltage
Assumptions:
V
Q1(BE) = 0.7 VDC
Transistor base-emitter voltage
β = 100
Transistor minimum current gain
K = 10
This is the ratio of transistor bias
versus collector current (larger K
gives stronger bias)
Resistor values R4, R5 and R6 are calculated as:
Key Design Points
• 1 % accuracy resistors should be used to maintain the
highest accuracy for the OV on and off thresholds.
• To avoid interfering with the under-voltage thresholds, the
voltage V
IN(th), must be programmed above under-voltage
levels.
• The D
MAX limit of the DPA-Switch linearly decreases with
increasing input voltage (increasing L-pin current), when
using only resistor R
LS for under/overvoltage detection.
However when the overvoltage threshold is modified with
additional circuitry, this will effectively change the D
MAX
limitproportionallyatvoltagesabovethethresholdvoltage
(V
IN(th)). The power supply designer should therefore make
sure that the power supply can still deliver the required
power with the reduced maximum duty cycle at high line.
R
I
K
V
V
V
_
_
(
)
OV OFF
OV OFF
L
Q BE
4
1
$
$
$
-
-
b
^
h
R
V
V
V
V
V
R
_
(
)
(
)
OV OFF
L
Q
L
Q
BE
BE
5
1
1
4
$
$
-
-
+
^
h
V
V
R
R
I
R
V
V
_
_
LS
L
LS
OV OFF
C
OV OFF
L
6
$
$
=
-
-
-
^
h
V
R
V
V
R
R
( )
(
)
IN th
L
Q BE
5
1
4
5
$
=
+
+
^
^
h
h
I
R
V
V
R
V
V
_
_
OV OFF
OV OFF
C
L
LS
L
6
$
=
-
-
+
b
l



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com