Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD483B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CD483B
Description  GENERAL PURPOSE SILICON DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CD483B Datasheet(HTML) 1 Page - Microsemi Corporation

  CD483B Datasheet HTML 1Page - Microsemi Corporation CD483B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
173
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
DESIGN DATA
METALLIZATION:
Top: (Anode)....................Al
Back: (Cathode)..............Au
AL THICKNESS ............25,000 Å Min
GOLD THICKNESS ........4,000 Å Min
CHIP THICKNESS ..................10 Mils
TOLERANCES: ALL
Dimensions ± 2 mils
• GENERAL PURPOSE SILICON DIODES
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES
EXCEPT SOLDER REFLOW
CD483B
CD485B
CD486B
CD645
AND
CD5194 thru CD5196
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
NOTE 1
AT 100mA (pulsed) except for CD645
which is at 400mA (pulsed)
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
VRM
VRWM
I O
I O
IFSM
TYPE
TA=+150°Ctp = 1/120 S
TA=25°C
V(pk)
V(pk)
mA
mA
A
CD483B
80
70
200
50
2
CD485B
180
180
200
50
2
CD486B
250
225
200
50
2
CD645
270
225
400
150
5
CD5194
80
70
200
50
2
CD5195
180
180
200
50
2
CD5196
250
225
200
50
2
VF(1)
IR1 at VRWM
IR2 at VRM
IR3 at VRWM
CAP
TYPE
TA+25°CTA+25°CTA+150°C@VR
=4V
V dc
nA dc
µA
µA dc
pF
CD483B
0.8 - 1.0
25
100
5
–
CD485B
0.8 - 1.0
25
100
5
–
CD486B
0.8 - 1.0
25
100
5
–
CD645
0.8 - 1.0
50
50
25
2.0
CD5194
0.8 - 1.0
25
100
5
–
CD5195
0.8 - 1.0
25
100
5
–
CD5196
0.8 - 1.0
25
100
5
–
24 MILS
12 MILS


Similar Part No. - CD483B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD483B CDI-DIODE-CD483B Datasheet
70Kb / 2P
GENERAL PURPOSE SILICON DIODES
More results

Similar Description - CD483B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N483B CDI-DIODE-1N483B Datasheet
68Kb / 2P
GENERAL PURPOSE SILICON DIODES
1N5194 CDI-DIODE-1N5194 Datasheet
31Kb / 2P
GENERAL PURPOSE SILICON DIODES
1N5194UR CDI-DIODE-1N5194UR Datasheet
33Kb / 2P
GENERAL PURPOSE SILICON DIODES
CD483B CDI-DIODE-CD483B Datasheet
70Kb / 2P
GENERAL PURPOSE SILICON DIODES
CDLL483B CDI-DIODE-CDLL483B Datasheet
32Kb / 2P
GENERAL PURPOSE SILICON DIODES
logo
Microsemi Corporation
1N483B MICROSEMI-1N483B Datasheet
45Kb / 2P
GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
BA5A5 EDAL-BA5A5 Datasheet
1Mb / 2P
SILICON GENERAL PURPOSE 1.0 AMP DIODES
logo
New Jersey Semi-Conduct...
1N662 NJSEMI-1N662 Datasheet
102Kb / 1P
GENERAL PURPOSE DIFFUSED SILICON PLANAR DIODES
1N6505 NJSEMI-1N6505 Datasheet
119Kb / 1P
GENERAL PURPOSE SILICON DIODES
1N5605 NJSEMI-1N5605 Datasheet
114Kb / 1P
GENERAL PURPOSE SILICON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com