Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4767 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CD4767
Description  MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CD4767 Datasheet(HTML) 1 Page - Microsemi Corporation

  CD4767 Datasheet HTML 1Page - Microsemi Corporation CD4767 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
201
• MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• 8.5 & 9.1 VOLT NOMINAL ZENER VOLTAGE +5%
• ELECTRICALLY EQUIVALENT TO 1N4765 THRU 1N4772A AND
1N4775 THRU 1N4782A SERIES
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
CD4765 thru CD4767A
and
CD4770 thru CD4772A
and
CD4775 thru CD4777A
and
CD4780 thru CD4782A
DESIGN DATA
METALLIZATION:
Top: C (Cathode)...................Al
A (Anode)............. .........Al
Back: ......................................Au
AL THICKNESS....... .....25,000
Å Min
GOLD THICKNESS... .....4,000
Å Min
CHIP THICKNESS............. .....10 Mils
CIRCUIT LAYOUT DATA:
Backside must be electrically
isolated.
Backside is not cathode.
For Zener operation cathode
must be operated positive
with respect to anode.
TOLERANCES: ALL
Dimensions + 2 mils
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.
MAXIMUM
ZENER
ZENER
MAXIMUM
VOLTAGE
TEMPERATURE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE
RANGE
TEMPERATURE
NUMBER
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
v
z
@ I
ZT
I
ZT
Z
ZT
³V
ZT
MAXIMUM
(Note 3)
(Note 1)
(Note 2)
VOLTS
mA
OHMS
mV
°C
% / °C
CD4765
9.1
0.5
350
68
0 to + 75
0.01
CD4765A
9.1
0.5
350
141
-55 to + 100
0.01
CD4766
9.1
0.5
350
34
0 to + 75
0.005
CD4766A
9.1
0.5
350
70
-55 to + 100
0.005
CD4767
9.1
0.5
350
14
0 to + 75
0.002
CD4767A
9.1
0.5
350
28
-55 to + 100
0.002
CD4770
9.1
1.0
200
68
0 to + 75
0.01
CD4770A
9.1
1.0
200
141
-55 to + 100
0.01
CD4771
9.1
1.0
200
34
0 to + 75
0.005
CD4771A
9.1
1.0
200
70
-55 to + 100
0.005
CD4772
9.1
1.0
200
14
0 to + 75
0.002
CD4772A
9.1
1.0
200
28
-55 to + 100
0.002
CD4775
8.5
0.5
350
64
0 to + 75
0.01
CD4775A
8.5
0.5
350
132
-55 to + 100
0.01
CD4776
8.5
0.5
350
32
0 to + 75
0.005
CD4776A
8.5
0.5
350
66
-55 to + 100
0.005
CD4777
8.5
0.5
350
13
0 to + 75
0.002
CD4777A
8.5
0.5
350
26
-55 to + 100
0.002
CD4780
8.5
1.0
200
64
0 to + 75
0.01
CD4780A
8.5
1.0
200
132
-55 to + 100
0.01
CD4781
8.5
1.0
200
32
0 to + 75
0.005
CD4781A
8.5
1.0
200
66
-55 to + 100
0.005
CD4782
8.5
1.0
200
13
0 to + 75
0.002
CD4782A
8.5
1.0
200
26
-55 to + 100
0.002
NOTE 1
Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c. current
equal to 10% of l
ZT
.
NOTE 2
The maximum allowable change observed over the entire temperature range i.e.,
the diode voltage will not exceed the speci½ed mV at any discrete temperature
between the established limits, per JEDEC standard No.5.
NOTE 3
Zener voltage range is +5%
FIGURE 1
38
23
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com


Similar Part No. - CD4767

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4767 CDI-DIODE-CD4767 Datasheet
137Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD4767A CDI-DIODE-CD4767A Datasheet
137Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
More results

Similar Description - CD4767

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4765 CDI-DIODE-CD4765 Datasheet
137Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD821 CDI-DIODE-CD821 Datasheet
78Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CD821 MICROSEMI-CD821 Datasheet
287Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD935 MICROSEMI-CD935 Datasheet
643Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
1N821 MICROSEMI-1N821_10 Datasheet
119Kb / 2P
Monolithic Temperature Compensated Zener Reference Chips
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com