Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-124 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-124
Description  Ultra-wide Input Range (57-580 VAC) Flyback Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-124 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-124 Datasheet HTML 1Page - Power Integrations, Inc. DI-124 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart,
Clampless, E-Shield, Filterfuse, StackFET, PI Expert and PI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-124
Rev. A 09/06
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
Table 1. Transformer Design Parameters.
TIW = Triple Insulated Wire, NC = No Connect, FL = Flying Lead
with load, scaling switching losses and maximizing efficiency.
The use of LinkSwitch-TN further improves efficiency due to
its 66 kHz switching frequency.
Key Design Points
• The input stage (to the left of C9) can be omitted in
applications that have a high-voltage DC bus. Capacitor
C9 is still required to provide local decoupling.
• Long cores (EEL) are ideal for this application to provide
greater bobbin width to accommodate the increased
margins required to meet safety spacings at the high
operating voltage.
• Zener diodes VR1-3 can be replaced with a single
P6KE540 device.
• The value of capacitors C5 to C8 can be reduced to 10 µF
if operation down to 57 VAC is not required (100 VAC
minimum).
• Use 0.5 W resistors for R13-16 and R6-8 to provide
adequate voltage rating.
• Efficiency falls at high line due to switching losses.
Reducing transformer capacitance by adding layers of
tape between the primary winding layers minimizes this.
TRANSFORMER PARAMETERS
Core Material
EEL16, gap for A
LG of 70 nH/T
2
Bobbin
6+4 pin (Ying Chin YC-1604-1)
with 3 mm + 3 mm tape margins
Winding Details
Shield: 23T, 2
× 36 AWG
Primary: 184T, 36 AWG
Shield: 12T, 2
×29 AWG
Secondary: 30T, 29 AWG TIW
Winding Order
(pin numbers)
Shield (5-NC), tape, primary
(7-5), tape between layers,
shield (9-10), tape, 12 V / (4-1),
tape
Inductance
Primary: 3.5 mH ±10%
Leakage: 160
µH (max)
Primary Resonant
Frequency
500 kHz (min)
Figure 3. Full Load Efficiency vs. Input Voltage.
Figure 2. Conducted EMI (230 VAC, EN55022B Limits,
AV and QP Results).
1.0
EN55022B Limits
0.15
10.0
100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
QP
AV
50
150
250
450
350
550
AC Input Voltage (V)
80
75
70
65
60
55
50
45
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com