Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3663AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3663AT
Description  Very low dropout voltage/quiescent current 3.3 V voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3663AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3663AT Datasheet HTML 1Page - NXP Semiconductors TDA3663AT Datasheet HTML 2Page - NXP Semiconductors TDA3663AT Datasheet HTML 3Page - NXP Semiconductors TDA3663AT Datasheet HTML 4Page - NXP Semiconductors TDA3663AT Datasheet HTML 5Page - NXP Semiconductors TDA3663AT Datasheet HTML 6Page - NXP Semiconductors TDA3663AT Datasheet HTML 7Page - NXP Semiconductors TDA3663AT Datasheet HTML 8Page - NXP Semiconductors TDA3663AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
9397 750 15047
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 13 June 2005
4 of 17
Philips Semiconductors
TDA3663
Very low dropout voltage/quiescent current 3.3 V voltage regulator
9.
Thermal characteristics
10. Characteristics
[1]
The regulator output will follow VP if VP <VREG +VREG(drop).
Table 5:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
SO4
in free air; soldered
100
K/W
SO8
in free air; soldered
155
K/W
Rth(j-c)
thermal resistance from junction to case
SO4
to center pins; soldered
25
K/W
SO8
to center pins; soldered
30
K/W
Table 6:
Characteristics
VP = 14.4 V; Tamb =25 °C; measured with test circuit of Figure 15; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage: pin VP
VP
supply voltage
regulator operating
[1] 3
14.4
45
V
Iq
quiescent supply current
VP = 4.5 V; IREG =0mA
-
10
-
µA
VP = 14.4 V; IREG = 0 mA
-
15
30
µA
6V
≤ VP ≤ 22 V; IREG = 10 mA
-
0.2
0.5
mA
6V
≤ VP ≤ 22 V; IREG = 50 mA
-
1.4
2.5
mA
Regulator output: pin REG
VREG
output voltage
8 V
≤ VP ≤ 22 V; IREG = 0.5 mA
3.16
3.3
3.44
V
0.5 mA
≤ IREG ≤ 100 mA
3.13
3.3
3.47
V
6V
≤ VP ≤ 45 V; IREG = 0.5 mA
3.13
3.3
3.47
V
VREG(drop)
dropout voltage
VP = 3.1 V; Tamb ≤ 85 °C;
IREG =50mA
-
0.18
0.3
V
VREG(stab)
output voltage long-term
stability
per 1000 h
-
20
-
mV
∆VREG(line)
line input regulation
voltage
7V
≤ VP ≤ 22 V; IREG = 0.5 mA
-
1
30
mV
7V
≤ VP ≤ 45 V; IREG = 0.5 mA
-
1
50
mV
∆VREG(load) load output regulation
voltage
0.5 mA
≤ IREG ≤ 50 mA
-
10
50
mV
SVRR
supply voltage ripple
rejection
fi = 120 Hz;
Vi(ripple) = 1 V (RMS);
IREG = 0.5 mA
50
60
-
dB
IREG(crl)
output current limit
VREG > 2.8 V
0.17
0.25
-
A
ILO(rp)
output leakage current at
reverse polarity
VP = −15 V; VREG ≤ 0.3 V
-
1
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com