Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-130 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-130
Description  Passive PFC LED Lighting Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-130 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-130 Datasheet HTML 1Page - Power Integrations, Inc. DI-130 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart,
Clampless, E-Shield, Filterfuse, StackFET, PI Expert and PI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-130
Rev. A 11/06
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
Key Design Points
• TakethevalueofinputcapacitancecalculatedbyPIExpertor
the PI Xls spreadsheet, divide it by two, and round up to the
next standard value to select the values of C15 and C16.
• UsingPIExpertorthePIXlsspreadsheet,designthesupplyfor
the maximum output power at the maximum V
F of the LEDs.
• TheLM358(U1)containstwooperationalamplifiers.Ensure
that the inputs to the second amplifier (pins 5 and 6) are
connected to secondary ground.
Figure 3. Input Voltage (100 V /div) and Current (100 mA/div),
Showing the Effect of the Valley Fill Circuit.
Figure 2. Efficiency vs. Input Voltage at Different Load Levels,
Room Temperature, 50 Hz Line.
Table 1. Transformer Design Parameters.
TIW = Triple Insulated Wire, NC = No Connect, FL = Flying Lead
TRANSFORMER PARAMETERS
Core Material
PC40EF25-Z
Bobbin
EF25 Horizontal bobbin
Winding Details
Primary: 92T, 0.3 mm heavy
nyleze magnet wire
Secondary: 14T 2
× 0.4 mm
Triple Insulated Wire (TIW)
Winding Order
(pin numbers)
Primary (2-4), Secondary (6-10)
Inductance
1.6 mH
185
195
205
215
245
235
225
265
255
Input Voltage (VAC)
86
84
82
80
78
76
74
72
70
100%
75%
50%
25%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com