Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-131 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-131
Description  LED Driver for Halogen Light Bulb Retrofit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-131 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-131 Datasheet HTML 1Page - Power Integrations, Inc. DI-131 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch,LinkSwitch, DPA-Switch,PeakSwitch,EcoSmart,
Clampless,
E-Shield,Filterfuse,StackFET,PI ExpertandPI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©2007, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-131
Rev. B 03/07
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
voltageisspecifiedas1.63Vat49mA,whichallowsittobe
usedasareference.Theoutputvoltageisregulatedto<18V
bydisablingMOSFETswitchingcyclesasthecurrentintothe
FBpinexceeds49mA.
Key Design Points
• TopreventEMIcouplingbetweentheswitchingnodeson
themainboardandtheinputfilterboard,ashieldboard
(connectedtoC2negative)wasplacedbetweenthetwo
PCboards(seeFigure3).Thisgreatlyimprovedthe
margintotheconductedEMIlimits.
• DiodesD1andD2canbereplacedbyasingle600V
diode.Two250Vdiodeswereusedbecausetheytookup
lessspacethanasingle600Vdiode.
• IncreasingthevalueofC3willreducetheripplecurrent
throughtheLEDloadattheexpenseofincreased
componentsizeandcost.
• Pre-loadresistorR11ensurescorrectno-loadoperation,
whichenablesthepowersupplytobetestedwithoutthe
loadconnectedtoit.
• VerifythatL2doesnotsaturateheavilyatthemaximum
currentlimitofU1(647mA).RefertotheInductor
Manufacturer’sL–20%currentrating.
• Inlessthermallychallengedenclosures,theFBpincan
beusedtodirectlysensethevoltageacrossresistors
R8andR10.ThiscaneliminateQ1,Q2andassociated
components,butrequiresthecurrentlimitsensevoltage
toincreasefrom0.65Vto1.65V.Thiswillincreasethe
senseresistordissipationbyabout300mWandcausethe
internalambienttemperatureofthesupplytoincrease.
• MaximizethePCBareathattheU1SOURCEpins
connectto,foroptimalheatsinking.
• Sincethisdesigndoesnotprovideinputtooutput
isolation,theloadLEDsmustbeisolatedfromtheuservia
thelightbulbenclosure.
Figure 3. Assembled Unit, Dimensions: 0.78 × 1 inch
(19.8 × 25.4 mm).
Figure 2. Worst Case Conducted EMI (230 VAC).
1.080
”
TOL ± 0.050
”
0.742
”
0.614
”
PI-4577-030707
1.024
”
0.780
”
1.0
0.15
10.0
100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
QP
AV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com