Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-133 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-133
Description  Non-isolated Induction Cooktop Auxiliary Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-133 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-133 Datasheet HTML 1Page - Power Integrations, Inc. DI-133 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch,LinkSwitch, DPA-Switch,PeakSwitch,EcoSmart,
Clampless,
E-Shield,Filterfuse,StackFET,PI ExpertandPI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©2007, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-133
Rev. A 02/07
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
Key Design Points
• WindT1forthelowestleakageinductancebychoosing
wiregaugesizesthatcompletelyfilleachwindinglayer.
• ThePIXlsspreadsheettoolcanbeusedtomodifythis
supplytoallowoperationovertheuniversalACinput
voltagerange(85–265VAC).
Table 2. Transformer Construction Information.
Table 1. Output Cross Regulation at 265 VAC.
TRANSFORMER PARAMETERS
Core Material
EE16
NC-2H or Equivalent, gapped
for A
LG of 63 nH/t
2
Bobbin
EE16, 8 pin
Winding Details
Primary: 200T, 36 AWG, tape
Secondary 5 V:, 11T, 29 AWG
triple insulated, tape
Secondary 18 V: 26T, 30 AWG
triple insulated, tape
Primary
Inductance
2.77 mH ±10%
Primary
Resonant
Frequency
500 kHz (minimum)
Leakage
Inductance
111
mH (maximum)
Figure 2. No-Load Input Power vs. Line Voltage.
Figure 3. Efficiency vs. Input Voltage at Full Load.
Loading
5 V Output
18 V Output
100% on 5 V and
100% on 18 V
4.94
18.14
100% on 5 V and
10% on 18 V
5.01
19.46
10% on 5 V and
100% on 18 V
5.08
17.99
10% on 5 V and
10% on 18 V
5.14
18.51
185
205
245
225
265
Input Voltage (VAC)
130
120
110
100
80
90
70
185
205
245
225
265
Input Voltage (V)
73
Full Load
72
71
70
• SelectthevaluesofR3andR4sothatwhenthe
5Voutputisinregulation,thereis1.63VontheFB
pin,withacurrentof49mAflowingintotheFBpin.
HigherohmicvaluesforR3andR4willnotimprove
efficiencyandmaydegraderegulationaccuracy.
• FeedbackresistorR4mustbeconnectedbeforethe
LCpost(L1andC6)filterinordertoavoidgroups
ofenabledanddisabledswitchingcyclesfrom
occurring.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com