Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-134 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-134
Description  Audio Amplifier Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-134 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-134 Datasheet HTML 1Page - Power Integrations, Inc. DI-134 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch,LinkSwitch, DPA-Switch,PeakSwitch,EcoSmart,
Clampless,
E-Shield,Filterfuse,StackFET,PI ExpertandPI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©2007, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-134
Rev. A 02/07
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
signal. The circuit formed by R10, U3 and its associated
componentsprovidesthelowfrequency(LF)portionofthe
feedbacksignalanddeterminestheDCregulationsetpoint.
The HF circuit gives the supply good transient load
responsiveness.TheLFcircuitgivesthesupplygoodoutput
voltageaccuracy.Bothcircuitsworkbyforwardbiasingthe
LEDinU2whenevertheoutputvoltageexceedsthesetpoint
value.TheseriesvoltagedropsacrossVR2,theU2LEDand
R16determinethesetpointfortheHFcircuit.Thevoltage
divider(R12andR13)andU3determinethesetpointforthe
LFcircuit.CapacitorC17isphysicallylocatedneartheHF
circuit,andattenuatesnoisethatcouldfalselytriggeritsset
pointthreshold.ZenerdiodeVR3clampstheoutputvoltage
at16V,ifthefeedbackloopbecomesanopencircuit,until
auto-restartactivates(occursafternocycleshavebeenskipped
for30ms).
Key Design Points
• ThevaluesforR11andR16werechosensothatthevoltage
onthecathodeoftheLEDinU2isabout2.2V.
Table 2. Transformer Parameters.
TRANSFORMER PARAMETERS
Core
Material
EE25
NC-2H or Equivalent, gapped for A
LG of
105 nH/t2
Bobbin
EE25, 10 pin
Winding
Details
1/2 Primary: 26T, 27 AWG, 1 layer, tape
Bias: 8T X2, 29 AWG, tape
Secondary: 6T, X4, 23 AWG TIW, 2 layers
Shield: 7T X4, 29 AWG, tape
1/2 Primary: 26T, 27 AWG, 1 layer
Primary
Inductance 370 mH ±12%
Primary
Resonant
Frequency
180 kHz (minimum)
Leakage
Inductance 8 mH (maximum)
Figure 2. Efficiency vs. Load, at Standard Line Voltages.
Figure 3. Worst Case Conducted EMI (230 VAC).
0
0.5
1.5
1
2
Output Current (A)
82.5
82
81.5
81
80.5
80
79.5
79
Efficiency @ VAC = 230 V
Efficiency @ VAC = 115 V
• Thecoresizeandthewindingwirediametersizes
werechosenbasedontheaverageofthepeakandthe
continuousoutputpower.
• Thenumberofturnsintheprimaryandsecondary
windingsandtheprimaryinductancevalueswere
chosenbasedonthepeakoutputpower.
• DiodeD5mustbeanultrafastdiodewithareverse
recoverytimeof<75ns.
1.0
0.15
10.0
70.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
QP
AV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com